Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1AFS600-PQ484 Datasheet(PDF) 56 Page - Microsemi Corporation

Part # P1AFS600-PQ484
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS600-PQ484 Datasheet(HTML) 56 Page - Microsemi Corporation

Back Button P1AFS600-PQ484 Datasheet HTML 52Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 53Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 54Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 55Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 56Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 57Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 58Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 59Page - Microsemi Corporation P1AFS600-PQ484 Datasheet HTML 60Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 334 page
background image
Device Architecture
2-40
Revision 4
1.5 V Voltage Regulator
The 1.5 V voltage regulator uses an external pass transistor to generate 1.5 V from a 3.3 V supply. The
base of the pass transistor is tied to PTBASE, the collector is tied to 3.3 V, and an emitter is tied to
PTBASE and the 1.5 V supplies of the Fusion device. Figure 2-27 on page 2-33 shows the hook-up of
the 1.5 V voltage regulator to an external pass transistor.
Microsemi recommends using a PN2222A or 2N2222A transistor. The gain of such a transistor is
approximately 25, with a maximum base current of 20 mA. The maximum current that can be supported
is 0.5 A. Transistors with different gain can also be used for different current requirements.
Table 2-18 • Electrical Characteristics
VCC33A = 3.3 V
Symbol
Parameter
Condition
Min
Typical
Max
Units
VOUT
Output Voltage
Tj = 25ºC
1.425
1.5
1.575
V
ICC33A
Operation Current
Tj = 25ºC
ILOAD = 1 mA
ILOAD = 100 mA
ILOAD = 0.5 A
11
11
30
mA
mA
mA
VOUT
Load Regulation
Tj = 25ºC
ILOAD = 1 mA to 0.5 A
90
mV
VOUT
Line Regulation
Tj = 25ºC
VCC33A = 2.97 V to 3.63 V
ILOAD = 1 mA
VCC33A = 2.97 V to 3.63 V
ILOAD = 100 mA
VCC33A = 2.97 V to 3.63 V
ILOAD = 500 mA
10.6
12.1
10.6
mV/V
mV/V
mV/V
Dropout Voltage*
Tj = 25ºC
ILOAD = 1 mA
ILOAD = 100 mA
ILOAD = 0.5 A
0.63
0.84
1.35
V
V
V
IPTBAS
E
PTBase Current
Tj = 25ºC
ILOAD = 1 mA
ILOAD = 100 mA
ILOAD = 0.5 A
48
736
12
20
µA
µA
mA
Note: *Data collected with 2N2222A.


Similar Part No. - P1AFS600-PQ484

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
P1AFS600 MICROSEMI-P1AFS600 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS6002 MICROSEMI-P1AFS6002 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
More results

Similar Description - P1AFS600-PQ484

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AFS600-FGG484 MICROSEMI-AFS600-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Actel Corporation
M7AFS600-1FGG256I ACTEL-M7AFS600-1FGG256I Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com