Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1AFS600-1FG256 Datasheet(PDF) 94 Page - Microsemi Corporation

Part No. P1AFS600-1FG256
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS600-1FG256 Datasheet(HTML) 94 Page - Microsemi Corporation

Back Button P1AFS600-1FG256 Datasheet HTML 90Page - Microsemi Corporation P1AFS600-1FG256 Datasheet HTML 91Page - Microsemi Corporation P1AFS600-1FG256 Datasheet HTML 92Page - Microsemi Corporation P1AFS600-1FG256 Datasheet HTML 93Page - Microsemi Corporation P1AFS600-1FG256 Datasheet HTML 94Page - Microsemi Corporation P1AFS600-1FG256 Datasheet HTML 95Page - Microsemi Corporation P1AFS600-1FG256 Datasheet HTML 96Page - Microsemi Corporation P1AFS600-1FG256 Datasheet HTML 97Page - Microsemi Corporation P1AFS600-1FG256 Datasheet HTML 98Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 334 page
background image
Device Architecture
2-78
Revision 4
Timing Characteristics
Table 2-35 • FIFO
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–2
–1
Std.
Units
tENS
REN, WEN Setup time
1.34
1.52
1.79
ns
tENH
REN, WEN Hold time
0.00
0.00
0.00
ns
tBKS
BLK Setup time
0.19
0.22
0.26
ns
tBKH
BLK Hold time
0.00
0.00
0.00
ns
tDS
Input data (WD) Setup time
0.18
0.21
0.25
ns
tDH
Input data (WD) Hold time
0.00
0.00
0.00
ns
tCKQ1
Clock High to New Data Valid on RD (flow-through)
2.17
2.47
2.90
ns
tCKQ2
Clock High to New Data Valid on RD (pipelined)
0.94
1.07
1.26
ns
tRCKEF
RCLK High to Empty Flag Valid
1.72
1.96
2.30
ns
tWCKFF
WCLK High to Full Flag Valid
1.63
1.86
2.18
ns
tCKAF
Clock High to Almost Empty/Full Flag Valid
6.19
7.05
8.29
ns
tRSTFG
RESET Low to Empty/Full Flag Valid
1.69
1.93
2.27
ns
tRSTAF
RESET Low to Almost-Empty/Full Flag Valid
6.13
6.98
8.20
ns
tRSTBQ
RESET Low to Data out Low on RD (flow-through)
0.92
1.05
1.23
ns
RESET Low to Data out Low on RD (pipelined)
0.92
1.05
1.23
ns
tREMRSTB
RESET Removal
0.29
0.33
0.38
ns
tRECRSTB
RESET Recovery
1.50
1.71
2.01
ns
tMPWRSTB
RESET Minimum Pulse Width
0.21
0.24
0.29
ns
tCYC
Clock Cycle time
3.23
3.68
4.32
ns
FMAX
Maximum Frequency for FIFO
310
272
231
ns
Note: For the derating values at specific junction temperature and voltage supply levels, refer to Table 3-7 on
page 3-9.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn