Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1AFS600-FG256 Datasheet(PDF) 58 Page - Microsemi Corporation

Part No. P1AFS600-FG256
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS600-FG256 Datasheet(HTML) 58 Page - Microsemi Corporation

Back Button P1AFS600-FG256 Datasheet HTML 54Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 55Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 56Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 57Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 58Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 59Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 60Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 61Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 62Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 334 page
background image
Device Architecture
2-42
Revision 4
Flash Memory Block Pin Names
Table 2-19 • Flash Memory Block Pin Names
Interface Name
Width Direction
Description
ADDR[17:0]
18
In
Byte offset into the FB. Byte-based address.
AUXBLOCK
1
In
When asserted, the page addressed is used to access the auxiliary
block within that page.
BUSY
1
Out
When asserted, indicates that the FB is performing an operation.
CLK
1
In
User interface clock. All operations and status are synchronous to the
rising edge of this clock.
DATAWIDTH[1:0]
2
In
Data width
00 = 1 byte in RD/WD[7:0]
01 = 2 bytes in RD/WD[15:0]
1x = 4 bytes in RD/WD[31:0]
DISCARDPAGE
1
In
When asserted, the contents of the Page Buffer are discarded so that
a new page write can be started.
ERASEPAGE
1
In
When asserted, the address page is to be programmed with all zeros.
ERASEPAGE must transition synchronously with the rising edge of
CLK.
LOCKREQUEST
1
In
When asserted, indicates to the JTAG controller that the FPGA
interface is accessing the FB.
OVERWRITEPAGE
1
In
When asserted, the page addressed is overwritten with the contents of
the Page Buffer if the page is writable.
OVERWRITEPROTECT
1
In
When asserted, all program operations will set the overwrite protect bit
of the page being programmed.
PAGESTATUS
1
In
When asserted with REN, initiates a read page status operation.
PAGELOSSPROTECT
1
In
When asserted, a modified Page Buffer must be programmed or
discarded before accessing a new page.
PIPE
1
In
Adds a pipeline stage to the output for operation above 50 MHz.
PROGRAM
1
In
When asserted, writes the contents of the Page Buffer into the FB
page addressed.
RD[31:0]
32
Out
Read data; data will be valid from the first non-busy cycle (BUSY = 0)
after REN has been asserted.
READNEXT
1
In
When asserted with REN, initiates a read-next operation.
REN
1
In
When asserted, initiates a read operation.
RESET
1
In
When asserted, resets the state of the FB (active low).
SPAREPAGE
1
In
When asserted, the sector addressed is used to access the spare
page within that sector.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn