Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1AFS600-FG256 Datasheet(PDF) 52 Page - Microsemi Corporation

Part No. P1AFS600-FG256
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS600-FG256 Datasheet(HTML) 52 Page - Microsemi Corporation

Back Button P1AFS600-FG256 Datasheet HTML 48Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 49Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 50Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 51Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 52Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 53Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 54Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 55Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 56Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 334 page
background image
Device Architecture
2-36
Revision 4
Example: Calculation for Match Count
To put the Fusion device on standby for one hour using an external crystal of 32.768 KHz:
The period of the crystal oscillator is Tcrystal:
Tcrystal = 1 / 32.768 KHz = 30.518 µs
The period of the counter is Tcounter:
Tcounter = 30.518 us X 128 = 3.90625 ms
The Match Count for 1 hour is
tmatch:
tmatch / Tcounter = (1 hr X 60 min/hr X 60 sec/min) / 3.90625 ms = 921600 or 0xE1000
Using a 32.768 KHz crystal, the maximum standby time of the 40-bit counter is 4,294,967,296 seconds,
which is 136 years.
Table 2-16 • RTC Control/Status Register
Bit
Name
Description
Default
Value
7
rtc_rst
RTC Reset
1 – Resets the RTC
0 – Deassert reset on after two ACM_CLK cycle.
6
cntr_en
Counter Enable
1 – Enables the counter; rtc_rst must be deasserted as well. First
counter increments after 64 RTCCLK positive edges.
0 – Disables the crystal prescaler but does not reset the counter
value. Counter value can only be updated when the counter is
disabled.
0
5
vr_en_mat
Voltage Regulator Enable on Match
1 – Enables RTCMATCH and RTCPSMMATCH to output 1 when the
counter value equals the Match Register value. This enables the 1.5 V
voltage
regulator
when
RTCPSMMATCH
connects
to
the
RTCPSMMATCH signal in VRPSM.
0 – RTCMATCH and RTCPSMMATCH output 0 at all times.
0
4:3
xt_mode[1:0]
Crystal Mode
Controls RTCXTLMODE[1:0]. Connects to RTC_MODE signal in
XTLOSC. XTL_MODE uses this value when xtal_en is 1. See the
"Crystal Oscillator" section on page 2-21 for mode configuration.
00
2
rst_cnt_omat
Reset Counter on Match
1 – Enables the sync clear of the counter when the counter value
equals the Match Register value. The counter clears on the rising
edge of the clock. If all the Match Registers are set to 0, the clear is
disabled.
0 – Counter increments indefinitely
0
1
rstb_cnt
Counter Reset, active Low
0 - Resets the 40-bit counter value
0
0
xtal_en
Crystal Enable
Controls RTCXTLSEL. Connects to SELMODE signal in XTLOSC.
0 – XTLOSC enables control by FPGA_EN; xt_mode is not used.
Sleep mode requires this bit to equal 0.
1 – Enables XTLOSC, XTL_MODE control by xt_mode
Standby mode requires this bit to be set to 1.
See the "Crystal Oscillator" section on page 2-21 for further details on
SELMODE configuration.
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn