Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1AFS600-FG256 Datasheet(PDF) 37 Page - Microsemi Corporation

Part No. P1AFS600-FG256
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS600-FG256 Datasheet(HTML) 37 Page - Microsemi Corporation

Back Button P1AFS600-FG256 Datasheet HTML 33Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 34Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 35Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 36Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 37Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 38Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 39Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 40Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 41Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
2-21
Crystal Oscillator
The Crystal Oscillator (XTLOSC) is source that generates the clock from an external crystal. The output
of XTLOSC CLKOUT signal can be selected as an input to the PLL. Refer to the "Clock Conditioning
Circuits" section for more details. The XTLOSC can operate in normal operations and Standby mode
(RTC is running and 1.5 V is not present).
In normal operation, the internal FPGA_EN signal is '1' as long as 1.5 V is present for VCC. As such,
the internal enable signal, XTL_EN, for Crystal Oscillator is enabled since FPGA_EN is asserted. The
XTL_MODE has the option of using MODE or RTC_MODE, depending on SELMODE.
During Standby, 1.5 V is not available, as such, and FPGA_EN is '0'. SELMODE must be asserted in
order for XTL_EN to be enabled; hence XTL_MODE relies on RTC_MODE. SELMODE and RTC_MODE
must be connected to RTCXTLSEL and RTCXTLMODE from the AB respectively for correct operation
during Standby (refer to the "Real-Time Counter System" section on page 2-33 for a detailed
description).
The Crystal Oscillator can be configured in one of four modes:
RC network, 32 KHz to 4 MHz
Low gain, 32 to 200 KHz
Medium gain, 0.20 to 2.0 MHz
High gain, 2.0 to 20.0 MHz
In RC network mode, the XTAL1 pin is connected to an RC circuit, as shown in Figure 2-16 on
page 2-19. The XTAL2 pin should be left floating. The RC value can be chosen based on Figure 2-18 for
any desired frequency between 32 KHz and 4 MHz. The RC network mode can also accommodate an
external clock source on XTAL1 instead of an RC circuit.
In Low gain, Medium gain, and High gain, an external crystal component or ceramic resonator can be
added onto XTAL1 and XTAL2, as shown in Figure 2-16 on page 2-19. In the case where the Crystal
Oscillator block is not used, the XTAL1 pin should be connected to GND and the XTAL2 pin should be left
floating.
Note: *Internal signal—does not exist in macro.
Figure 2-17 • XTLOSC Macro
XT LOSC
CLKOUT
XT L
0
1
MODE[1:0]
RTC_MODE[1:0]
SELMODE
FPGA_EN*
XTL_EN*
XTL_MODE*


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn