Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1AFS600-FG256 Datasheet(PDF) 33 Page - Microsemi Corporation

Part No. P1AFS600-FG256
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS600-FG256 Datasheet(HTML) 33 Page - Microsemi Corporation

Back Button P1AFS600-FG256 Datasheet HTML 29Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 30Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 31Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 32Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 33Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 34Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 35Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 36Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 37Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
2-17
VersaNet Timing Characteristics
Global clock delays include the central rib delay, the spine delay, and the row delay. Delays do not
include I/O input buffer clock delays, as these are dependent upon I/O standard, and the clock may be
driven and conditioned internally by the CCC module. Table 2-5, Table 2-6, Table 2-7, and Table 2-8 on
page 2-18 present minimum and maximum global clock delays within the device Minimum and maximum
delays are measured with minimum and maximum loading, respectively.
Timing Characteristics
Table 2-5 • AFS1500 Global Resource Timing
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–2
–1
Std.
Units
Min.1 Max.2 Min.1 Max.2 Min.1
Max.2
tRCKL
Input Low Delay for Global Clock
1.53
1.75
1.74
1.99
2.05
2.34
ns
tRCKH
Input High Delay for Global Clock
1.53
1.79
1.75
2.04
2.05
2.40
ns
tRCKMPWH Minimum Pulse Width High for Global Clock
ns
tRCKMPWL Minimum Pulse Width Low for Global Clock
ns
tRCKSW
Maximum Skew for Global Clock
0.26
0.29
0.34
ns
Notes:
1. Value reflects minimum load. The delay is measured from the CCC output to the clock pin of a sequential element
located in a lightly loaded row (single element is connected to the global net).
2. Value reflects maximum load. The delay is measured on the clock pin of the farthest sequential element located in a
fully loaded row (all available flip-flops are connected to the global net in the row).
3. For the derating values at specific junction temperature and voltage supply levels, refer to Table 3-7 on page 3-9.
Table 2-6 • AFS600 Global Resource Timing
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–2
–1
Std.
Units
Min.1
Max.2 Min.1 Max.2 Min.1 Max.2
tRCKL
Input Low Delay for Global Clock
1.27
1.49
1.44
1.70
1.69
2.00
ns
tRCKH
Input High Delay for Global Clock
1.26
1.54
1.44
1.75
1.69
2.06
ns
tRCKMPWH Minimum Pulse Width High for Global Clock
ns
tRCKMPWL
Minimum Pulse Width Low for Global Clock
ns
tRCKSW
Maximum Skew for Global Clock
0.27
0.31
0.36
ns
Notes:
1. Value reflects minimum load. The delay is measured from the CCC output to the clock pin of a sequential element
located in a lightly loaded row (single element is connected to the global net).
2. Value reflects maximum load. The delay is measured on the clock pin of the farthest sequential element located in a
fully loaded row (all available flip-flops are connected to the global net in the row).
3. For the derating values at specific junction temperature and voltage supply levels, refer to Table 3-7 on page 3-9.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn