Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1AFS600-FG256 Datasheet(PDF) 23 Page - Microsemi Corporation

Part No. P1AFS600-FG256
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS600-FG256 Datasheet(HTML) 23 Page - Microsemi Corporation

Back Button P1AFS600-FG256 Datasheet HTML 19Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 20Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 21Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 22Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 23Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 24Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 25Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 26Page - Microsemi Corporation P1AFS600-FG256 Datasheet HTML 27Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
2-7
Sequential Timing Characteristics
Table 2-2 • Register Delays
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–2
–1
Std.
Units
tCLKQ
Clock-to-Q of the Core Register
0.55
0.63
0.74
ns
tSUD
Data Setup Time for the Core Register
0.43
0.49
0.57
ns
tHD
Data Hold Time for the Core Register
0.00
0.00
0.00
ns
tSUE
Enable Setup Time for the Core Register
0.45
0.52
0.61
ns
tHE
Enable Hold Time for the Core Register
0.00
0.00
0.00
ns
tCLR2Q
Asynchronous Clear-to-Q of the Core Register
0.40
0.45
0.53
ns
tPRE2Q
Asynchronous Preset-to-Q of the Core Register
0.40
0.45
0.53
ns
tREMCLR
Asynchronous Clear Removal Time for the Core Register
0.00
0.00
0.00
ns
tRECCLR
Asynchronous Clear Recovery Time for the Core Register
0.22
0.25
0.30
ns
tREMPRE
Asynchronous Preset Removal Time for the Core Register
0.00
0.00
0.00
ns
tRECPRE
Asynchronous Preset Recovery Time for the Core Register
0.22
0.25
0.30
ns
tWCLR
Asynchronous Clear Minimum Pulse Width for the Core Register
0.22
0.25
0.30
ns
tWPRE
Asynchronous Preset Minimum Pulse Width for the Core Register
0.22
0.25
0.30
ns
tCKMPWH
Clock Minimum Pulse Width High for the Core Register
0.32
0.37
0.43
ns
tCKMPWL
Clock Minimum Pulse Width Low for the Core Register
0.36
0.41
0.48
ns
Note: For the derating values at specific junction temperature and voltage supply levels, refer to Table 3-7 on
page 3-9.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn