Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1AFS600-PQ256 Datasheet(PDF) 70 Page - Microsemi Corporation

Part No. P1AFS600-PQ256
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS600-PQ256 Datasheet(HTML) 70 Page - Microsemi Corporation

Back Button P1AFS600-PQ256 Datasheet HTML 66Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 67Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 68Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 69Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 70Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 71Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 72Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 73Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 74Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 334 page
background image
Device Architecture
2-54
Revision 4
Flash Memory Block Characteristics
Figure 2-44 • Reset Timing Diagram
Table 2-25 • Flash Memory Block Timing
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–2
–1
Std.
Units
tCLK2RD
Clock-to-Q in 5-cycle read mode of the Read Data
7.99
9.10
10.70
ns
Clock-to-Q in 6-cycle read mode of the Read Data
5.03
5.73
6.74
ns
tCLK2BUSY
Clock-to-Q in 5-cycle read mode of BUSY
4.95
5.63
6.62
ns
Clock-to-Q in 6-cycle read mode of BUSY
4.45
5.07
5.96
ns
tCLK2STATUS
Clock-to-Status in 5-cycle read mode
11.24
12.81
15.06
ns
Clock-to-Status in 6-cycle read mode
4.48
5.10
6.00
ns
tDSUNVM
Data Input Setup time for the Control Logic
1.92
2.19
2.57
ns
tDHNVM
Data Input Hold time for the Control Logic
0.00
0.00
0.00
ns
tASUNVM
Address Input Setup time for the Control Logic
2.76
3.14
3.69
ns
tAHNVM
Address Input Hold time for the Control Logic
0.00
0.00
0.00
ns
tSUDWNVM
Data Width Setup time for the Control Logic
1.85
2.11
2.48
ns
tHDDWNVM
Data Width Hold time for the Control Logic
0.00
0.00
0.00
ns
tSURENNVM
Read Enable Setup time for the Control Logic
3.85
4.39
5.16
ns
tHDRENNVM
Read Enable Hold Time for the Control Logic
0.00
0.00
0.00
ns
tSUWENNVM
Write Enable Setup time for the Control Logic
2.37
2.69
3.17
ns
tHDWENNVM
Write Enable Hold Time for the Control Logic
0.00
0.00
0.00
ns
tSUPROGNVM
Program Setup time for the Control Logic
2.16
2.46
2.89
ns
tHDPROGNVM
Program Hold time for the Control Logic
0.00
0.00
0.00
ns
tSUSPAREPAGE
SparePage Setup time for the Control Logic
3.74
4.26
5.01
ns
tHDSPAREPAGE
SparePage Hold time for the Control Logic
0.00
0.00
0.00
ns
tSUAUXBLK
Auxiliary Block Setup Time for the Control Logic
3.74
4.26
5.00
ns
tHDAUXBLK
Auxiliary Block Hold Time for the Control Logic
0.00
0.00
0.00
ns
tSURDNEXT
ReadNext Setup Time for the Control Logic
2.17
2.47
2.90
ns
tHDRDNEXT
ReadNext Hold Time for the Control Logic
0.00
0.00
0.00
ns
tSUERASEPG
Erase Page Setup Time for the Control Logic
3.76
4.28
5.03
ns
tHDERASEPG
Erase Page Hold Time for the Control Logic
0.00
0.00
0.00
ns
tSUUNPROTECTPG
Unprotect Page Setup Time for the Control Logic
2.01
2.29
2.69
ns
tHDUNPROTECTPG
Unprotect Page Hold Time for the Control Logic
0.00
0.00
0.00
ns
tSUDISCARDPG
Discard Page Setup Time for the Control Logic
1.88
2.14
2.52
ns
tHDDISCARDPG
Discard Page Hold Time for the Control Logic
0.00
0.00
0.00
ns
tSUOVERWRPRO
Overwrite Protect Setup Time for the Control Logic
1.64
1.86
2.19
ns
tHDOVERWRPRO
Overwrite Protect Hold Time for the Control Logic
0.00
0.00
0.00
ns
CLK
RESET
Active Low, Asynchronous
BUSY


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn