Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1AFS600-PQ256 Datasheet(PDF) 68 Page - Microsemi Corporation

Part # P1AFS600-PQ256
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS600-PQ256 Datasheet(HTML) 68 Page - Microsemi Corporation

Back Button P1AFS600-PQ256 Datasheet HTML 64Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 65Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 66Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 67Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 68Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 69Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 70Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 71Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 72Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 334 page
background image
Device Architecture
2-52
Revision 4
Read Next Operation
The Read Next operation is a feature by which the next block relative to the block in the Block Buffer is
read from the FB Array while performing reads from the Block Buffer. The goal is to minimize wait states
during consecutive sequential Read operations.
The Read Next operation is performed in a predetermined manner because it does look-ahead reads.
The general look-ahead function is as follows:
Within a page, the next block fetched will be the next in linear address.
When reading the last data block of a page, it will fetch the first block of the next page.
When reading spare pages, it will read the first block of the next sector's spare page.
Reads of the last sector will wrap around to sector 0.
Reads of Auxiliary blocks will read the next linear page's Auxiliary block.
When an address on the ADDR input does not agree with the predetermined look-ahead address, there
is a time penalty for this access. The FB will be busy finishing the current look-ahead read before it can
start the next read. The worst case is a total of nine BUSY cycles before data is delivered.
The Non-Pipe Mode and Pipe Mode waveforms for Read Next operations are illustrated in Figure 2-40
and Figure 2-41.
Figure 2-40 • Read Next Waveform (Non-Pipe Mode, 32-bit access)
Figure 2-41 • Read Next WaveForm (Pipe Mode, 32-bit access)
CLK
REN
READNEXT
ADDR[17:0]
DATAWIDTH[1:0]
BUSY
STATUS[1:0]
RD[31:0]
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
0
S0S1S2
S4
S5S6
S8
S9
0D0
D1
D2
S3
D3
0
0
S7
D7
0
0
D4
D5
D6
D8
D9
CLK
REN
READNEXT
ADDR[17:0]
BUSY
STATUS[1:0]
RD[31:0]
A0
A1
A2
A3
A4
A5
A6
A7
A8
S0
S1
S2
S4
S5
S6
0D0
D1
D2
S3
D3
0
0D4
D5
D6
S7
0
0
D7


Similar Part No. - P1AFS600-PQ256

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
P1AFS600 MICROSEMI-P1AFS600 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
P1AFS6002 MICROSEMI-P1AFS6002 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
More results

Similar Description - P1AFS600-PQ256

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AFS600-FGG484 MICROSEMI-AFS600-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Actel Corporation
M7AFS600-1FGG256I ACTEL-M7AFS600-1FGG256I Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com