Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1AFS600-PQ256 Datasheet(PDF) 56 Page - Microsemi Corporation

Part No. P1AFS600-PQ256
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS600-PQ256 Datasheet(HTML) 56 Page - Microsemi Corporation

Back Button P1AFS600-PQ256 Datasheet HTML 52Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 53Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 54Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 55Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 56Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 57Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 58Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 59Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 60Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 334 page
background image
Device Architecture
2-40
Revision 4
1.5 V Voltage Regulator
The 1.5 V voltage regulator uses an external pass transistor to generate 1.5 V from a 3.3 V supply. The
base of the pass transistor is tied to PTBASE, the collector is tied to 3.3 V, and an emitter is tied to
PTBASE and the 1.5 V supplies of the Fusion device. Figure 2-27 on page 2-33 shows the hook-up of
the 1.5 V voltage regulator to an external pass transistor.
Microsemi recommends using a PN2222A or 2N2222A transistor. The gain of such a transistor is
approximately 25, with a maximum base current of 20 mA. The maximum current that can be supported
is 0.5 A. Transistors with different gain can also be used for different current requirements.
Table 2-18 • Electrical Characteristics
VCC33A = 3.3 V
Symbol
Parameter
Condition
Min
Typical
Max
Units
VOUT
Output Voltage
Tj = 25ºC
1.425
1.5
1.575
V
ICC33A
Operation Current
Tj = 25ºC
ILOAD = 1 mA
ILOAD = 100 mA
ILOAD = 0.5 A
11
11
30
mA
mA
mA
VOUT
Load Regulation
Tj = 25ºC
ILOAD = 1 mA to 0.5 A
90
mV
VOUT
Line Regulation
Tj = 25ºC
VCC33A = 2.97 V to 3.63 V
ILOAD = 1 mA
VCC33A = 2.97 V to 3.63 V
ILOAD = 100 mA
VCC33A = 2.97 V to 3.63 V
ILOAD = 500 mA
10.6
12.1
10.6
mV/V
mV/V
mV/V
Dropout Voltage*
Tj = 25ºC
ILOAD = 1 mA
ILOAD = 100 mA
ILOAD = 0.5 A
0.63
0.84
1.35
V
V
V
IPTBAS
E
PTBase Current
Tj = 25ºC
ILOAD = 1 mA
ILOAD = 100 mA
ILOAD = 0.5 A
48
736
12
20
µA
µA
mA
Note: *Data collected with 2N2222A.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn