Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1AFS600-PQ256 Datasheet(PDF) 51 Page - Microsemi Corporation

Part No. P1AFS600-PQ256
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS600-PQ256 Datasheet(HTML) 51 Page - Microsemi Corporation

Back Button P1AFS600-PQ256 Datasheet HTML 47Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 48Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 49Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 50Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 51Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 52Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 53Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 54Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 55Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
2-35
Real-Time Counter (part of AB macro)
The RTC is a 40-bit loadable counter and used as the primary timekeeping element (Figure 2-29). The
clock source, RTCCLK, must come from the CLKOUT signal of the crystal oscillator. The RTC can be
configured to reset itself when a count value reaches the match value set in the Match Register.
The RTC is part of the Analog Block (AB) macro. The RTC is configured by the analog configuration
MUX (ACM). Each address contains one byte of data. The circuitry in the RTC is powered by VCC33A,
so the RTC can be used in standby mode when the 1.5 V supply is not present.
The 40-bit counter can be preloaded with an initial value as a starting point by the Counter Register. The
count from the 40-bit counter can be read through the same set of address space. The count comes from
a Read-Hold Register to avoid data changing during read.
When the counter value equals the Match Register value, all Match Bits Register values will be
0xFFFFFFFFFF. The RTCMATCH and RTCPSMMATCH signals will assert. The 40-bit counter can be
configured to automatically reset to 0x0000000000 when the counter value equals the Match Register
value. The automatic reset does not apply if the Match Register value is 0x0000000000.
The RTCCLK has a prescaler to divide the clock by 128 before it is used for the 40-bit counter. Below is
an example of how to calculate the OFF time.
Figure 2-29 • RTC Block Diagram
Table 2-14 • RTC Signal Description
Signal Name
Width Direction
Function
RTCCLK
1
In
Must come from CLKOUT of XTLOSC.
RTCXTLMODE[1:0]
2
Out
Controlled by xt_mode in CTRL_STAT. Signal must connect to
the RTC_MODE signal in XTLOSC, as shown in Figure 2-27.
RTCXTLSEL
1
Out
Controlled by xtal_en from CTRL_STAT register. Signal must
connect to RTC_MODE signal in XTLOSC in Figure 2-27.
RTCMATCH
1
Out
Match signal for FPGA
0 – Counter value does not equal the Match Register value.
1 – Counter value equals the Match Register value.
RTCPSMMATCH
1
Out
Same signal as RTCMATCH. Signal must connect to
RTCPSMMATCH in VRPSM, as shown in Figure 2-27.
xt_mode[1:0]
RTCMATCH
RTCPSMMATCH
RTCCLK
ACM
Registers
1.5 V to
3.3 V
Level
Shifter
Control Status
40-Bit Counter
Match Reg
MatchBits Reg
Counter Reg
Counter
Read-Hold Reg
Real-Time Counter
Crystal Prescaler
F
RTCCLK Divide by 128
xtal_en
RTCXTLSEL
RTCXTLMODE[1:0]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn