Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1AFS600-PQ256 Datasheet(PDF) 48 Page - Microsemi Corporation

Part No. P1AFS600-PQ256
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

P1AFS600-PQ256 Datasheet(HTML) 48 Page - Microsemi Corporation

Back Button P1AFS600-PQ256 Datasheet HTML 44Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 45Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 46Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 47Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 48Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 49Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 50Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 51Page - Microsemi Corporation P1AFS600-PQ256 Datasheet HTML 52Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 334 page
background image
Device Architecture
2-32
Revision 4
The NGMUX macro is simplified to show the two clock options that have been selected by the
GLMUXCFG[1:0] bits. Figure 2-25 illustrates the NGMUX macro. During design, the two clock sources
are connected to CLK0 and CLK1 and are controlled by GLMUXSEL[1:0] to determine which signal is to
be passed through the MUX.
The sequence of switching between two clock sources (from CLK0 to CLK1) is as follows (Figure 2-26):
GLMUXSEL[1:0] transitions to initiate a switch.
GL drives one last complete CLK0 positive pulse (i.e., one rising edge followed by one falling
edge).
From that point, GL stays Low until the second rising edge of CLK1 occurs.
At the second CLK1 rising edge, GL will begin to continuously deliver the CLK1 signal.
Minimum tsw = 0.05 ns at 25°C (typical conditions)
For examples of NGMUX operation, refer to the Fusion FPGA Fabric User’s Guide.
Figure 2-25 • NGMUX Macro
Figure 2-26 • NGMUX Waveform
CLK0
CLK1
GL
GLMUXSEL[1:0]
CLK0
CLK1
GLMUXSEL[1:0]
GL
tSW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn