Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9260B31CER-G Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC9260B31CER-G
Description  COT Control, 1.5A Synchronous Step-Down DC/DC Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9260B31CER-G Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC9260B31CER-G Datasheet HTML 2Page - Torex Semiconductor XC9260B31CER-G Datasheet HTML 3Page - Torex Semiconductor XC9260B31CER-G Datasheet HTML 4Page - Torex Semiconductor XC9260B31CER-G Datasheet HTML 5Page - Torex Semiconductor XC9260B31CER-G Datasheet HTML 6Page - Torex Semiconductor XC9260B31CER-G Datasheet HTML 7Page - Torex Semiconductor XC9260B31CER-G Datasheet HTML 8Page - Torex Semiconductor XC9260B31CER-G Datasheet HTML 9Page - Torex Semiconductor XC9260B31CER-G Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6/28
XC9260/XC9261Series
ELECTRICAL CHARACTERISTICS
XC9260/XC9261 Series
Ta=25℃
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Output Voltage
VOUT
When connected to external components,
IOUT=30mA
<E-1>
<E-2>
<E-3>
V
Operating Voltage Range
VIN
-
2.7
-
5.5
V
Maximum Output Current
IOUTMAX
When connected to external components
(*1),
VIN =<C -1>
1500
-
-
mA
UVLO Voltage
(*2)
VUVLO
VOUT=0.6V,Voltage which Lx pin holding “L” level
(*6)
1.35
2.0
2.68
V
fOSC=1.2MHz
-
15.0
25.0
Quiescent Current
(XC9261)
Iq
VOUT =VOUT(T) × 1.1V
fOSC=3.0MHz
-
25.0
40.0
μ
A
fOSC=1.2MHz
-
250
450
Quiescent Current
(XC9260)
Iq
VOUT =VOUT(T) × 1.1V
fOSC=3.0MHz
-
400
825
μ
A
Stand-by Current
ISTB
VCE=0.0V
-
0.0
1.0
μ
A
Minimum ON time
tONmin
When connected to external components,
VIN = <C-1>, IOUT = 1mA
<E-5>
<E-6>
<E-7>
ns
Thermal shutdown
TTSD
-
-
150
-
Thermal shutdown
hysteresis
THYS
-
-
30
-
Lx SW ”H” ON Resistance
RLXH
VOUT=0.6V, ILX=100mA
(*3)
-
0.14
0.28
Lx SW ”L” ON
Resistance
(*4)
RLXL
VOUT=VOUT(T) V × 1.1, ILX=100mA
(*3)
-
0.10
0.20
Lx SW ”H” Leakage Current
ILeakH
VIN=5.5V, VCE=0V, VOUT=0V, VLX=0.0V
-
0.0
1.0
μ
A
Lx SW ”L” Leakage Current
IleakL
VIN=5.5V, VCE=0V, VOUT=0V, VLX=5.5V
-
0.0
30.0
μ
A
Current Limit
(*5)
ILIMH
VOUT=0.6V, ILx until Lx pin oscillates
2.5
3.0
4.5
A
Output Voltage
Temperature
Characteristics
∆VOUT/
(VOUT・∆Topr)
IOUT=30mA, -40℃≦Topr≦105℃
-
±100
-
ppm/℃
CE ”H” Voltage
VCEH
VOUT=0.6V, Applied voltage to VCE,
Voltage changes Lx to “H” level
(*6)
1.40
-
VIN
V
CE ”L” Voltage
VCEL
VOUT=0.6V, Applied voltage to VCE,
Voltage changes Lx to “L” level
(*6)
VSS
(*7)
-
0.30
V
CE ”H” Current
ICEH
VIN=5.5V, VCE=5.5V, VOUT=0.0V
-0.1
-
0.1
μ
A
CE ”L” Current
ICEL
VIN=5.5V, VCE=0.0V, VOUT=0.0V
-0.1
-
0.1
μ
A
Soft-start Time
tSS
VCE=0.0V → 5.0V VOUT=VOUT(T)V × 0.9
After "H" is fed to CE, the time by when clocks are
generated at Lx pin.
0.10
0.30
0.50
ms
Short Protection
Threshold
Voltage (Type B)
VSHORT
Sweeping VOUT, VOUT voltage which Lx becomes “L”
level
(*6)
0.17
0.27
0.37
V
CL Discharge (Type B)
RDCHG
VCE=0V, VOUT=4.0V
50
210
300
Unless otherwise stated, VIN=5V, VCE=5V, VOUT(T)=Nominal Value,
NOTE:
(*1) When the difference between the input and the output is small, 100% duty might come up and internal control circuits keep P-ch driver turning
on even though the output current is not so large.
If current is further pulled from this state, output voltage will decrease because of P-ch driver ON resistance.
(*2) Including UVLO detect voltage, hysteresis operating voltage range for UVLO release voltage.
(*3) RLXH= (VIN - Lx pin measurement voltage) / 100mA, RLXL= Lx pin measurement voltage / 100mA
(*4) Design value for the XC9261 series.
(*5) Current limit denotes the level of detection at peak of coil current.
(*6) "H"=VIN ~ VIN - 1.2V, "L"=- 0.1V ~ + 0.1V
(*7) AGND in the case of USP-6C.


Similar Part No. - XC9260B31CER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9262 TOREX-XC9262 Datasheet
972Kb / 26P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9263 TOREX-XC9263 Datasheet
1Mb / 30P
   18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9263A75CMR-G TOREX-XC9263A75CMR-G Datasheet
1Mb / 30P
   18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9264 TOREX-XC9264 Datasheet
1Mb / 30P
   18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9265 TOREX-XC9265 Datasheet
957Kb / 29P
   Ultra Low Power Synchronous Step-Down PFM DC/DC Converter
More results

Similar Description - XC9260B31CER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XD9260 TOREX-XD9260 Datasheet
1Mb / 27P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9262 TOREX-XC9262 Datasheet
972Kb / 26P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9274 TOREX-XC9274 Datasheet
1Mb / 28P
   COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9259 TOREX-XC9259 Datasheet
1Mb / 28P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9273 TOREX-XC9273 Datasheet
1Mb / 30P
   COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9266 TOREX-XC9266 Datasheet
1Mb / 30P
   COT Control, 6.0A Synchronous Step-Down DC/DC Converters
XC9257 TOREX-XC9257 Datasheet
1Mb / 27P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9258 TOREX-XC9258 Datasheet
1Mb / 27P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XDL601 TOREX-XDL601 Datasheet
1Mb / 21P
   HiSAT-COT 짰 Control, 1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XC9281 TOREX-XC9281 Datasheet
807Kb / 25P
   HiSAT-COT 짰 Control Extremely Small 600mA Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com