Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA337 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KA337
Description  3-Terminal 1.5A Negative Adjustable Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA337 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA337 Datasheet HTML 1Page - Fairchild Semiconductor KA337 Datasheet HTML 2Page - Fairchild Semiconductor KA337 Datasheet HTML 3Page - Fairchild Semiconductor KA337 Datasheet HTML 4Page - Fairchild Semiconductor KA337 Datasheet HTML 5Page - Fairchild Semiconductor KA337 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0
Features
• Output current in excess of 1.5A
• Output voltage adjustable between -1.2V and - 37V
• Internal thermal overload protection
• Internal short circuit current limiting
• Output transistor safe area compensation
• Floating operation for high voltage applications
• Standard 3-pin TO-220 package
Description
The KA337 is a 3-terminal negative adjustable regulator. It
supply in excess of 1.5A over an output voltage range
of -1.2V to - 37V. This regulator requires only two external
resistor to set the output voltage. Included on the chip are
current limiting, thermal overload protection and safe area
compensation.
TO-220
1. Adj 2. Input 3. Output
1
Internal Block Diagram
1
Voltage
Reference
-
+
2
Protection
Circuitry
3
Output
Input
Vadj
KA337
3-Terminal 1.5A Negative Adjustable Regulator


Similar Part No. - KA337

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KA337 ONSEMI-KA337 Datasheet
430Kb / 9P
   3-Terminal 1.5 A Negative Adjustable Regulator
September 2014 Rev. 1.1.1
KA337TU ONSEMI-KA337TU Datasheet
430Kb / 9P
   3-Terminal 1.5 A Negative Adjustable Regulator
September 2014 Rev. 1.1.1
logo
Fairchild Semiconductor
KA337 FAIRCHILD-KA337_10 Datasheet
62Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
More results

Similar Description - KA337

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM337 FAIRCHILD-LM337 Datasheet
37Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
KA337 FAIRCHILD-KA337_10 Datasheet
62Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
LM337 FAIRCHILD-LM337_10 Datasheet
122Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
logo
NEC
UPC337 NEC-UPC337 Datasheet
72Kb / 8P
   3-TERMINAL NEGATIVE ADJUSTABLE REGULATOR
logo
Gamma Microelectronics ...
GM317 GAMMA-GM317_12 Datasheet
208Kb / 9P
   3-TERMINAL 1.5A ADJUSTABLE REGULATOR
GM317 GAMMA-GM317 Datasheet
184Kb / 9P
   3-TERMINAL 1.5A ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
AMC317 ETC-AMC317 Datasheet
189Kb / 6P
   1.5A / 3- TERMINAL ADJUSTABLE REGULATOR
logo
Unisonic Technologies
79DXXAA UTC-79DXXAA Datasheet
211Kb / 5P
   3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
logo
NTE Electronics
NTE1911 NTE-NTE1911 Datasheet
26Kb / 2P
   3 Terminal Adjustable Negative Voltage Regulator -1.2V to -37V, 1.5A
logo
Unisonic Technologies
LM79XXA UTC-LM79XXA Datasheet
336Kb / 6P
   3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com