Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA3403D Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # KA3403D
Description  Quad Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3403D Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KA3403D Datasheet HTML 1Page - Fairchild Semiconductor KA3403D Datasheet HTML 2Page - Fairchild Semiconductor KA3403D Datasheet HTML 3Page - Fairchild Semiconductor KA3403D Datasheet HTML 4Page - Fairchild Semiconductor KA3403D Datasheet HTML 5Page - Fairchild Semiconductor KA3403D Datasheet HTML 6Page - Fairchild Semiconductor KA3403D Datasheet HTML 7Page - Fairchild Semiconductor KA3403D Datasheet HTML 8Page - Fairchild Semiconductor KA3403D Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
KA3303/KA3403
3
Electrical Characteristics
(VCC = +15V, VEE = -15V for KA3403, VCC = +14V, VEE = GND for KA3303, TA = 25
°C, unless otherwise
specified)
Parameter
Symbol
Conditions
KA3303
KA3403
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Input Offset Voltage
VIO
-
-
1.5
8.0
-
1.5
10
mV
Note1
-
-
10
-
-
12
Input Offset Current
IIO
--
5
75
-
5
50
nA
Note1
-
-
150
-
-
100
Input Bias Current
IBIAS
-
-
30
200
-
30
200
nA
Note1
-
-
500
-
-
400
Large Signal Voltage Gain
GV
VO(P-P) =
±10V
20
200
-
20
200
-
V/mV
RL = 2K
Ω Note1
15
-
-
15
-
-
Input Impedance
RI
-
0.3
1.0
-
0.3
1.0
-
M
Output Voltage Swing
VO(P-P)
RL = 10K
+12
+12.5
-
±12 ±13.5
-
V
RL = 2K
+10
+12
-
±10
±13
-
RL = 2K
Ω Note1
+10
-
-
±10
-
-
Input Common Mode
Voltage Range
VI(R)
-
12V
-VEE
12.5V
-VEE
-
13V
-VEE
13.5V
-VEE
-V
Common Mode Rejection
Ratio
CMRR
RS
≥ 10KΩ
70
90
-
70
90
-
dB
Power Supply Current
ICC
VO(P) = 0, RL =
-
2.8
7.0
-
2.3
7.0
mA
Output Short Circuit Current
ISC
Each amplifier
±10
±30
±45
±10
±20
±45
mA
Positive Supply
Rejection Ratio
PSRR(+)
-
-
30
150
-
30
150
µV/V
Negative Supply
Rejection Ratio
PSRR(-)
-
-
-
-
-
30
150
µV/V


Similar Part No. - KA3403D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA34063 FAIRCHILD-KA34063 Datasheet
42Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA34063 ONSEMI-KA34063 Datasheet
166Kb / 8P
   SMPS Controller
9/10/02 Rev. 1.0.1
logo
Fairchild Semiconductor
KA34063A FAIRCHILD-KA34063A Datasheet
42Kb / 6P
   SMPS Controller
KA34063A FAIRCHILD-KA34063A Datasheet
48Kb / 6P
   Operation From 3.0 to 40V Input
logo
ON Semiconductor
KA34063A ONSEMI-KA34063A Datasheet
166Kb / 8P
   SMPS Controller
9/10/02 Rev. 1.0.1
More results

Similar Description - KA3403D

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
   Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
   QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
   QUAD OPERATIONAL AMPLIFIER?
logo
Fujitsu Component Limit...
MB3615 FUJITSU-MB3615 Datasheet
82Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com