Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5B Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # SM5B
Description  Ceramic Surface Mount Crystal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SM5B Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  SM5B_13 Datasheet HTML 1Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SM Crystal
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2004 by Vanlong Technology Co., Ltd.
SM5B
Ceramic Surface Mount Crystal
SM5B
The SM5 series incorporates a sub-miniature AT-cut strip crystal
resonator housed in a standard 7.0x5.0x1.3 mm ceramic
package with 2 pads. These compact crystals are ideal for
surface mount, densely-populated PCB applications.
Specifications:
SM5B
Frequency Range:
8.0 MHz ~ 45 MHz
Fundamental
36 MHz ~ 121 MHz
Overtone
All dimensions are in mm
Operating Temperature:
0
°C ~ +50°C
-A
-10
°C ~ +60°C
-B
-20
°C ~ +70°C
-C
-40
°C ~ +85°C
-L
Storage Temperature:
-55
°C ~ +125°C
Frequency Tolerance:
± 50 ppm
-50
(at 25
°C)
± 30 ppm
-30
± 20 ppm
-20
± 10 ppm
-10
Frequency Stability:
± 50 ppm
-50
(over temperature range)
± 30 ppm
-30
± 20 ppm
-20
± 10 ppm
-10
Circuit Condition:
10 pF ~ 32 pF or series
Equivalent Series Resistance:
Maximum resistance corresponds
to frequency. Please see ESR
table.
Drive Level:
0.1 mW max
Shunt Capacitance:
7 pF max
Ordering Information
Aging:
± 3 ppm max per year
Product name + CL + Operating Temperature
Range + Tolerance + Stability + Other Code +
Frequency.
i.e. SM5B-20-C-30-30-F-24.000MHz
Optional Features:
Fundamental
-F
3
rd,5th,7th O.T.
-3,5,7
Tape & Reel
-TR
Note:
1.
Other frequencies, tolerances, stabilities, and operating temperature ranges
available. Consult VTC Support for specific requirements.
2.
Not all combinations of the above tolerances, stabilities, and temperature ranges
are available. Consult VTC Support if your requirement is not standard.
3.
All specifications subject to change without notice.


Similar Part No. - SM5B_13

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SM5B VANLONG-SM5B Datasheet
35Kb / 1P
   Ceramic Surface Mount Crystal
More results

Similar Description - SM5B_13

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
ECCM61 ECLIPTEK-ECCM61 Datasheet
441Kb / 2P
   CERAMIC SURFACE MOUNT CRYSTAL
logo
Vanlong Technology Co.,...
SM6B VANLONG-SM6B Datasheet
37Kb / 1P
   Ceramic Surface Mount Crystal
SM5 VANLONG-SM5_13 Datasheet
44Kb / 1P
   Ceramic Surface Mount Crystal
SM6 VANLONG-SM6 Datasheet
37Kb / 1P
   Ceramic Surface Mount Crystal
SM7 VANLONG-SM7 Datasheet
47Kb / 1P
   Ceramic Surface Mount Crystal
logo
Ecliptek Corporation
ECCM62 ECLIPTEK-ECCM62 Datasheet
458Kb / 2P
   CERAMIC SURFACE MOUNT CRYSTAL
logo
Vanlong Technology Co.,...
SM5B VANLONG-SM5B Datasheet
35Kb / 1P
   Ceramic Surface Mount Crystal
SM6 VANLONG-SM6_13 Datasheet
45Kb / 1P
   Ceramic Surface Mount Crystal
logo
Ecliptek Corporation
ECCM63 ECLIPTEK-ECCM63 Datasheet
468Kb / 2P
   CERAMIC SURFACE MOUNT CRYSTAL
logo
Vanlong Technology Co.,...
SM5 VANLONG-SM5 Datasheet
37Kb / 1P
   Ceramic Surface Mount Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com