Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A2F060M3C-1CS484Y Datasheet(PDF) 19 Page - Microsemi Corporation

Part # A2F060M3C-1CS484Y
Description  SmartFusion Customizable System-on-Chip (cSoC)
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A2F060M3C-1CS484Y Datasheet(HTML) 19 Page - Microsemi Corporation

Back Button A2F060M3C-1CS484Y Datasheet HTML 15Page - Microsemi Corporation A2F060M3C-1CS484Y Datasheet HTML 16Page - Microsemi Corporation A2F060M3C-1CS484Y Datasheet HTML 17Page - Microsemi Corporation A2F060M3C-1CS484Y Datasheet HTML 18Page - Microsemi Corporation A2F060M3C-1CS484Y Datasheet HTML 19Page - Microsemi Corporation A2F060M3C-1CS484Y Datasheet HTML 20Page - Microsemi Corporation A2F060M3C-1CS484Y Datasheet HTML 21Page - Microsemi Corporation A2F060M3C-1CS484Y Datasheet HTML 22Page - Microsemi Corporation A2F060M3C-1CS484Y Datasheet HTML 23Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 192 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Revision 10
2-7
Thermal Characteristics
Introduction
The temperature variable in the SoC Products Group Designer software refers to the junction
temperature, not the ambient, case, or board temperatures. This is an important distinction because
dynamic and static power consumption will cause the chip's junction temperature to be higher than the
ambient, case, or board temperatures. EQ 1 through EQ 3 give the relationship between thermal
resistance, temperature gradient, and power.
EQ 1
EQ 2
EQ 3
where
JA = Junction-to-air thermal resistance
JB = Junction-to-board thermal resistance
JC = Junction-to-case thermal resistance
TJ
= Junction temperature
TA = Ambient temperature
TB = Board temperature (measured 1.0 mm away from the
package edge)
TC = Case temperature
P
= Total power dissipated by the device
Table 2-6 • Package Thermal Resistance
Product
JA
JC
JB
Units
Still Air
1.0 m/s
2.5 m/s
A2F200M3F-FG256
33.7
30.0
28.3
9.3
24.8
°C/W
A2F200M3F-FG484
21.8
18.2
16.7
7.7
16.8
°C/W
A2F200M3F-CS288
26.6
20.2
18.1
7.3
9.4
°C/W
A2F200M3F-PQG208I
38.5
34.6
33.1
0.7
31.6
°C/W
JA
TJ A
P
------------------
=
JB
TJ TB
P
-------------------
=
JC
TJ TC
P
-------------------
=


Similar Part No. - A2F060M3C-1CS484Y

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A2F060 MICROSEMI-A2F060 Datasheet
11Mb / 192P
   SmartFusion Customizable System-on-Chip (cSoC)
A2F060 MICROSEMI-A2F060 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A2F060 MICROSEMI-A2F060 Datasheet
10Mb / 197P
   SmartFusion Customizable System-on-Chip (cSoC)
More results

Similar Description - A2F060M3C-1CS484Y

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A2F500M3G-1FGG484 MICROSEMI-A2F500M3G-1FGG484 Datasheet
11Mb / 192P
   SmartFusion Customizable System-on-Chip (cSoC)
A2F500M3G-CSG288 MICROSEMI-A2F500M3G-CSG288 Datasheet
10Mb / 197P
   SmartFusion Customizable System-on-Chip (cSoC)
A2F500M3G-FGG256I MICROSEMI-A2F500M3G-FGG256I Datasheet
10Mb / 197P
   SmartFusion Customizable System-on-Chip (cSoC)
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
logo
Cypress Semiconductor
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com