Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBES105A99F Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # DBES105A99F
Description  Flip-Chip Dual Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

DBES105A99F Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  DBES105A99F Datasheet HTML 1Page - United Monolithic Semiconductors DBES105A99F Datasheet HTML 2Page - United Monolithic Semiconductors DBES105A99F Datasheet HTML 3Page - United Monolithic Semiconductors DBES105A99F Datasheet HTML 4Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Flip-Chip Dual Diode
DBES105a
Ref. : DSDBES105a6354 - 20 Dec 06
3/4
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Typical DC Measurements
Typical On-Wafer Measurements
Bias Conditions
Vak = 0V
UI-Characteristic
1E-11
1E-10
1E-09
1E-08
1E-07
1E-06
1E-05
1E-04
1E-03
1E-02
1E-01
0.00
0.25
0.50
0.75
1.00
Voltage UD [V]
-4.0
-3.0
-2.0
-1.0
1x5µm
Is = 3.5e-14 A


Similar Part No. - DBES105A99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
DBES105A UMS-DBES105A Datasheet
58Kb / 4P
   Flip-Chip Dual Diode
DBES105A UMS-DBES105A Datasheet
94Kb / 4P
   Flip-Chip Dual Diode
DBES105A-99F/00 UMS-DBES105A-99F/00 Datasheet
58Kb / 4P
   Flip-Chip Dual Diode
DBES105A UMS-DBES105A_06 Datasheet
94Kb / 4P
   Flip-Chip Dual Diode
More results

Similar Description - DBES105A99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
DBES105A UMS-DBES105A_06 Datasheet
94Kb / 4P
   Flip-Chip Dual Diode
DBES105A UMS-DBES105A Datasheet
58Kb / 4P
   Flip-Chip Dual Diode
logo
M/A-COM Technology Solu...
MA4FCP200 MA-COM-MA4FCP200 Datasheet
137Kb / 6P
   Flip Chip PIN Diode
logo
Formosa MS
QRDM-CSP01 FORMOSA-QRDM-CSP01 Datasheet
905Kb / 1P
   Flip Chip CSP DIODE
logo
Tyco Electronics
MA4AGP907 MACOM-MA4AGP907 Datasheet
108Kb / 5P
   AlGaAs Flip-Chip PIN Diode
MA4FCP200 MACOM-MA4FCP200 Datasheet
42Kb / 2P
   Silicon Flip Chip PIN Diode
MA4FCP300 MACOM-MA4FCP300 Datasheet
110Kb / 4P
   Silicon Flip Chip PIN Diode
logo
M/A-COM Technology Solu...
MA4FCP300 MA-COM-MA4FCP300 Datasheet
151Kb / 5P
   Silicon Flip Chip PIN Diode
logo
Tyco Electronics
MA4FCP305 MACOM-MA4FCP305 Datasheet
264Kb / 3P
   Silicon Flip Chip PIN Diode
logo
M/A-COM Technology Solu...
MA4GP907 MA-COM-MA4GP907 Datasheet
102Kb / 5P
   GaAs Flip Chip PIN Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com