Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHR3861-QEG21 Datasheet(PDF) 11 Page - United Monolithic Semiconductors

Part # CHR3861-QEG21
Description  6-9GHz Integrated Down Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3861-QEG21 Datasheet(HTML) 11 Page - United Monolithic Semiconductors

Back Button CHR3861-QEG21 Datasheet HTML 7Page - United Monolithic Semiconductors CHR3861-QEG21 Datasheet HTML 8Page - United Monolithic Semiconductors CHR3861-QEG21 Datasheet HTML 9Page - United Monolithic Semiconductors CHR3861-QEG21 Datasheet HTML 10Page - United Monolithic Semiconductors CHR3861-QEG21 Datasheet HTML 11Page - United Monolithic Semiconductors CHR3861-QEG21 Datasheet HTML 12Page - United Monolithic Semiconductors CHR3861-QEG21 Datasheet HTML 13Page - United Monolithic Semiconductors CHR3861-QEG21 Datasheet HTML 14Page - United Monolithic Semiconductors CHR3861-QEG21 Datasheet HTML 15Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
6-9GHz Down Converter
CHR3861-QEG
RefDSCHR3861-QEG1192 - 11 Jul 11
11/18
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Conversion Gain versus IF with GC3 = GC4 at max. Gain
RF = LO + IF
Conversion Gain versus temperature at max. Gain
RF = LO - IF
10
14
18
22
26
30
5.5
6
6.5
7
7.5
8
8.5
9
9.5
RF Frequency (GHz)
IF=1.4GHz
2GHz
2.5GHz
3.5GHz
10
14
18
22
26
30
5.5
6
6.5
7
7.5
8
8.5
9
9.5
RF Frequency (GHz)
-40°C
+25°C
+85°C


Similar Part No. - CHR3861-QEG21

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3861-QEG UMS-CHR3861-QEG Datasheet
623Kb / 18P
   6-9GHz Integrated Down Converter
CHR3861-QEG UMS-CHR3861-QEG_15 Datasheet
623Kb / 18P
   6-9GHz Integrated Down Converter
More results

Similar Description - CHR3861-QEG21

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3861-QEG UMS-CHR3861-QEG_15 Datasheet
623Kb / 18P
   6-9GHz Integrated Down Converter
CHR3762-QDG UMS-CHR3762-QDG Datasheet
491Kb / 16P
   5.5-9GHz Integrated Down Converter
CHM1481-QFG UMS-CHM1481-QFG_15 Datasheet
456Kb / 10P
   6-9GHz Direct Quadrature Modulator
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
   37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHM1481-QFG UMS-CHM1481-QFG Datasheet
456Kb / 10P
   6-9GHz Direct Quadrature Modulator
CHR2291 UMS-CHR2291 Datasheet
121Kb / 6P
   12-17GHz Integrated Down Converter
CHR2296 UMS-CHR2296 Datasheet
119Kb / 5P
   36- 40GHz Integrated Down Converter
CHR3352-QEG UMS-CHR3352-QEG Datasheet
622Kb / 16P
   12-16GHz Integrated Down Converter
CHR3894-QEG UMS-CHR3894-QEG Datasheet
378Kb / 14P
   37-40GHz Integrated Down Converter
CHR2292 UMS-CHR2292_04 Datasheet
100Kb / 6P
   17-20GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com