Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMAJ7.0C Datasheet(PDF) 4 Page - Yea Shin Technology Co., Ltd

Part # P4SMAJ7.0C
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

P4SMAJ7.0C Datasheet(HTML) 4 Page - Yea Shin Technology Co., Ltd

  P4SMAJ7.0C Datasheet HTML 1Page - Yea Shin Technology Co., Ltd P4SMAJ7.0C Datasheet HTML 2Page - Yea Shin Technology Co., Ltd P4SMAJ7.0C Datasheet HTML 3Page - Yea Shin Technology Co., Ltd P4SMAJ7.0C Datasheet HTML 4Page - Yea Shin Technology Co., Ltd P4SMAJ7.0C Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P4SMAJ Series
Package
BreakdownVoltage
Test
Current
Reverse Leakage
Max.
Clamp
Voltage
Peak
Pulse
Current
SMA/DO-214AC
Reverse
Voltage
VBR@
T
R@ VRWM
Part Number
VRWM
Min.
Max.
T
UNI
BI
Vc@Ipp
Ipp
Device Marking Code
UNI
BI
V
V
V
m A
µA
µA
V
A
UNI
BI
400W Transient Voltage Suppresor
P4SMAJ200A
P4SMAJ200CA
1
5.0
5.0
0
1.2
1
5.0
5.0
356.0
1.1
1
5.0
5.0
405.0
1.0
1
5.0
5.0
486.0
1
5.0
5.0
567.0
1
5.0
5.0
648.0
1
5.0
5.0
713.0
200A
224.00
247.00
200.0
246.00
272.00
220.0
P4SMAJ220A
P4SMAJ220CA
P4SMAJ250A
P4SMAJ250CA
P4SMAJ300A
P4SMAJ300CA
P4SMAJ350A
P4SMAJ350CA
P4SMAJ400A
P4SMAJ400CA
P4SMAJ440A
P4SMAJ440CA
324.
0.8
0.7
0.6
0.6
200D
220A
220D
250A
250D
300A
300D
350A
350D
400A
400D
440A
440D
279.00
309.00
250.0
335.00
371.00
300.0
391.00
432.00
350.0
447.00
494.00
400.0
492.00
543.00
440.0
http://www.yeashin.com
4
REV.03 20130403
Stand-of f


Similar Part No. - P4SMAJ7.0C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAJ7.0C PANJIT-P4SMAJ7.0C Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
logo
Surge Components
P4SMAJ7.0C SURGE-P4SMAJ7.0C Datasheet
213Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?
logo
Transys Electronics
P4SMAJ7.0C TRSYS-P4SMAJ7.0C Datasheet
240Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ7.0C WTE-P4SMAJ7.0C Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P4SMAJ7.0C PANJIT-P4SMAJ7.0C Datasheet
110Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4SMAJ7.0C

ManufacturerPart #DatasheetDescription
logo
StarHope
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
logo
Yea Shin Technology Co....
P4SMFJ5.0 YEASHIN-P4SMFJ5.0 Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
logo
Pan Jit International I...
P4SMAJ PANJIT-P4SMAJ Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
logo
Yea Shin Technology Co....
P6SMBJ5.0 YEASHIN-P6SMBJ5.0 Datasheet
110Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 6 00 Watt Peak Power Pulse
logo
StarHope
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-SMCJ SPSEMI-TVS-SMCJ Datasheet
151Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 1500 Watt Peak Pulse Power
TVS-TECA SPSEMI-TVS-TECA Datasheet
85Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 400 Watt Peak Pulse Power
logo
Pan Jit International I...
15SMCJ PANJIT-15SMCJ Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
P6SMBJ PANJIT-P6SMBJ Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com