Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE6.8CA Datasheet(PDF) 4 Page - Yea Shin Technology Co., Ltd

Part # P6KE6.8CA
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

P6KE6.8CA Datasheet(HTML) 4 Page - Yea Shin Technology Co., Ltd

  P6KE6.8CA Datasheet HTML 1Page - Yea Shin Technology Co., Ltd P6KE6.8CA Datasheet HTML 2Page - Yea Shin Technology Co., Ltd P6KE6.8CA Datasheet HTML 3Page - Yea Shin Technology Co., Ltd P6KE6.8CA Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
http://www.yeashin.com
4
REV.02 20120403
P6KE Series
DEVICE CHARACTERISTICS
0
25
50
75
100
0
75
25
50
100
125
150
175
200
TA — Ambient Temperature (
°C)
1
5
10
50
100
Fig. 2 – Pulse Derating Curve
Fig. 6 - Max. Non-Repetitive Forward Surge Current
Number of Cycles at 60 Hz
10
100
1,000
6,000
10
1.0
100
200
V(BR) — Breakdown Voltage (V)
10
50
100
200
Fig. 1 – Peak Pulse Power Rating Curve
0.1
1
10
100
Non-repetitive Pulse
Waveform shown in Fig. 3
TA = 25°C
0.1
µs
1.0
µs10µs
td — Pulse Width (sec.)
100
µs
1.0ms
10ms
Fig. 5 – Steady State Power Derating Curve
0
1.25
2.5
3.75
5.0
0
75
25
100
125
150
175
200
Fig. 7 – Typ. Reverse Leakage Characteristics
TL — Lead Temperature (
°C)
50
1.6 x 1.6 x .040"
(40 x 40 x 1mm)
Copper Heat Sinks
0.01
0.1
10
100
1
0
100
200
V(BR) — Breakdown Voltage (V)
300
400
600
500
L = 0.375" (9.5mm)
Lead Lengths
60 HZ Resistive or
Inductive Load
10
100
1
0.1
0.001
tp — Pulse Duration (sec)
0.01
0.1
1
10
100
1000
Fig. 8 – Typ. Transient Thermal Impedance
Fig. 4 – Typ. Junction Capacitance Uni-Directional
TJ = 25
°C
f = 1.0MHz
Vsig = 50mVp-p
Measured at
Zero Bias
Measured at
Stand-Off
Voltage, VWM
TJ = TJ max.
8.3ms Single Half Sine-Wave
(JEDEC Method)
td
Fig. 3 -- Pulse Waveform
TJ = 25
°C
Pulse Width (td) is defined
as the point where the
peak current decays to
50% of IPPM
0
1.0
2.0
3.0
4.0
t -- Time (ms)
0
50
100
150
tr = 10
µsec.
Half Value — IPPM
2
10/1000
µsec. Waveform
as defined by R.E.A.
Peak Value
IPPM
Uni-Directional Only
Measured at Devices
Stand-off Voltage, VWM
TA = 25
°C


Similar Part No. - P6KE6.8CA

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
P6KE6.8CA SEMITECH-P6KE6.8CA Datasheet
280Kb / 5P
   600W Peak Pulse Power Dissipation
logo
Pan Jit International I...
P6KE6.8CA PANJIT-P6KE6.8CA Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
HuaXinAn Electronics CO...
P6KE6.8CA HUAXINAN-P6KE6.8CA Datasheet
360Kb / 5P
   600W Transient Voltage Suppressors
logo
ON Semiconductor
P6KE6.8CA ONSEMI-P6KE6.8CA Datasheet
204Kb / 7P
   600 Watt Peak Power Surmetic??0 Zener Transient Voltage Suppressors
August, 2006 ??Rev. 4
logo
Formosa MS
P6KE6.8CA FORMOSA-P6KE6.8CA Datasheet
152Kb / 6P
   600W Axial Lead Transient Voltage Suppressors - 6.8V-440V
More results

Similar Description - P6KE6.8CA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com