Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHR3764-QEG21 Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHR3764-QEG21
Description  21-27GHz Down-Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3764-QEG21 Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHR3764-QEG21 Datasheet HTML 1Page - United Monolithic Semiconductors CHR3764-QEG21 Datasheet HTML 2Page - United Monolithic Semiconductors CHR3764-QEG21 Datasheet HTML 3Page - United Monolithic Semiconductors CHR3764-QEG21 Datasheet HTML 4Page - United Monolithic Semiconductors CHR3764-QEG21 Datasheet HTML 5Page - United Monolithic Semiconductors CHR3764-QEG21 Datasheet HTML 6Page - United Monolithic Semiconductors CHR3764-QEG21 Datasheet HTML 7Page - United Monolithic Semiconductors CHR3764-QEG21 Datasheet HTML 8Page - United Monolithic Semiconductors CHR3764-QEG21 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
21-27GHz Down-Converter
CHR3764-QEG
Ref. : DSCHR3764-QEG1263 - 20 Sep 11
5/18
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Typical Board Measurements
Tamb = +25°C, VD = VDL = 4V, VGL = -0.6V, VGM = -0.7V, P_LO = 0dBm
Board is defined on the drawing at paragraph
“Evaluation mother board”. The board losses
are de-embedded. The results are given in the package access planes.
Conversion Gain in Supradyne Mode versus RF Frequency & GCx
F_RF = 2xF_LO+F_IF, F_IF = 1.5GHz
Conversion Gain in Infradyne Mode versus RF Frequency & GCx
RF = 2xF_LO-F_IF, F_IF = 1.5GHz
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
16
17
18
19
20
21
22
23
24
25
26
27
28
RF Frequency (GHz)
GCx=-1.5V
GCx= -0.7V
GCx= -0.6V
GCx= -0.5V
GCx=0V
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
16
17
18
19
20
21
22
23
24
25
26
27
28
RF Frequency (GHz)
GCx=-1.5V
GCx= -0.7V
GCx= -0.6V
GCx= -0.5V
GCx=0V


Similar Part No. - CHR3764-QEG21

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3764-QEG UMS-CHR3764-QEG Datasheet
537Kb / 18P
   21-27GHz Down-Converter
CHR3764-QEG UMS-CHR3764-QEG_15 Datasheet
537Kb / 18P
   21-27GHz Down-Converter
More results

Similar Description - CHR3764-QEG21

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3764-QEG UMS-CHR3764-QEG_15 Datasheet
537Kb / 18P
   21-27GHz Down-Converter
CHR3664-QEG UMS-CHR3664-QEG_15 Datasheet
787Kb / 22P
   17-27GHz Down-Converter
CHR3664-QEG UMS-CHR3664-QEG Datasheet
775Kb / 22P
   17-27GHz Down-Converter
logo
Eudyna Devices Inc
FMM5807X EUDYNA-FMM5807X Datasheet
866Kb / 4P
   21-27GHz Power Amplifier MMIC
logo
United Monolithic Semic...
CHR3693-QDG UMS-CHR3693-QDG Datasheet
904Kb / 10P
   21-26.5GHz Down converter
logo
Marki Microwave
MFB-2400 MARKIMICROWAVE-MFB-2400 Datasheet
310Kb / 7P
   Passive MMIC 21-27GHz Bandpass Filter
logo
United Monolithic Semic...
CHR3693-99F UMS-CHR3693-99F_15 Datasheet
460Kb / 8P
   21-26.5GHz Integrated Down converter
CHR3693-99F UMS-CHR3693-99F Datasheet
449Kb / 8P
   21-26.5GHz Integrated Down converter
CHR3693-QDG UMS-CHR3693-QDG_12 Datasheet
581Kb / 14P
   21-26.5GHz Integrated Down converter
CHR3693-QDG UMS-CHR3693-QDG_15 Datasheet
592Kb / 14P
   21-26.5GHz Integrated Down converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com