Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-3182 Datasheet(PDF) 12 Page - Holt Integrated Circuits

Part # HI-3182
Description  ARINC 429 Differential Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-3182 Datasheet(HTML) 12 Page - Holt Integrated Circuits

Back Button HI-3182_08 Datasheet HTML 4Page - Holt Integrated Circuits HI-3182_08 Datasheet HTML 5Page - Holt Integrated Circuits HI-3182_08 Datasheet HTML 6Page - Holt Integrated Circuits HI-3182_08 Datasheet HTML 7Page - Holt Integrated Circuits HI-3182_08 Datasheet HTML 8Page - Holt Integrated Circuits HI-3182_08 Datasheet HTML 9Page - Holt Integrated Circuits HI-3182_08 Datasheet HTML 10Page - Holt Integrated Circuits HI-3182_08 Datasheet HTML 11Page - Holt Integrated Circuits HI-3182_08 Datasheet HTML 12Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
HI-318X PACKAGE DIMENSIONS
28-PIN CERAMIC LEADLESS CHIP CARRIER
inches (millimeters)
Package Type: 28S
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
.451
±.009
(11.455
±.229)
SQ.
.080
±.020
(2.032
±.508)
.040 x 45° 3PLS
(1.016 x 45° 3PLS)
.050
±.005
(1.270
±.127)
.025
±.003
(.635
±.076)
PIN 1
.008R ± .006
(.203R
±.152)
PIN 1
.050
(1.270)
BSC
.020
(.508)
INDEX
32-PIN J-LEAD CERQUAD
inches (millimeters)
Package Type: 32U
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
.040
(1.016)
.190
(4.826)
.420
±.012
(10.668
±.305)
.588
±.008
(14.935
±.203)
.019
± .003
(.483
± .076)
.488
±.008
(12.395
±.203)
.450
±.008
(11.430
±.203)
.550
± .009
(13.970
± .229)
.520
±.012
(13.208
±.305)
31
32
1
2
.083
±.009
(2.108
±.229)
.050
BSC
(1.270)
typ
max
HOLT INTEGRATED CIRCUITS
12


Similar Part No. - HI-3182_08

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_06 Datasheet
296Kb / 11P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results

Similar Description - HI-3182_08

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_06 Datasheet
296Kb / 11P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382_06 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
RM3182 ETC1-RM3182 Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
logo
Holt Integrated Circuit...
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com