Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHR2421-QEG21 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHR2421-QEG21
Description  23.75-24.5GHz Dual Rx Channel
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2421-QEG21 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHR2421-QEG21 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2421-QEG21 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2421-QEG21 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2421-QEG21 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2421-QEG21 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2421-QEG21 Datasheet HTML 6Page - United Monolithic Semiconductors CHR2421-QEG21 Datasheet HTML 7Page - United Monolithic Semiconductors CHR2421-QEG21 Datasheet HTML 8Page - United Monolithic Semiconductors CHR2421-QEG21 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CHR2421-QEG
23.75-24.5GHz Dual Rx Channel
Ref. : DSCHR2421-QEG2031 - 31 Jan 12
2/10
Specifications subject to change without notice
10 Avenue du Québec, SILIC 521 - 91946 COURTABOEUF Cedex - FRANCE
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Electrical Characteristics
Temp.= -40°C to +105°C
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
F_RX
RX Frequency Range
23.75
24.5
GHz
F_LO
LO Frequency Range
23.75
24.5
GHz
F_IF
IF Frequency Range
DC
1
MHz
RL_RX
RX Return Loss
10
15
dB
RL_LO
LO Return Loss
10
15
dB
L_IF
IF Load impedance
50
Ohms
P_LO
LO Drive Power
0
2
8
dBm
P_RF
RF Drive Power range
-15
dBm
Gc
(1)
Conversion Gain within F_RX
17.5
22
26
dB
VG_LNA≥4.7V
ΔG(F)
Gain variation over Frequency
 0.5
 1
dB
F_RX, F_LO
ΔG(T)
Gain variation over Temperature
 2
 3.5 dB
ΔG(VG_LNA)
Uncompressed Gain versus VG
control range
4
dB
NF
SSB Noise figure (IF=1MHz)
7
12
dB
VG_LNA≥4.7V
7
13
Gc≥18dB
NF
SSB Noise figure (IF=100kHz)
13
18
dB
VG_LNA≥4.7V
14
19
Gc≥18dB
NF
SSB Noise figure (IF=10kHz)
18
25
dB
VG_LNA≥4.7V
19
29
Gc≥18dB
P-1dB_RX
RX Input Power at 1 dB Gain
compression
-25
-20
dBm
VG_LNA≥4.7V
P_LO≥0dBm
IP3_RX
RX Input IP3
-12
dBm
I_LO/RX
LO to RX Isolation
-50
dB
I_LO/IF
LO to IF Isolation
-20
dB
P_LO=8dBm
I_RXi/IFj
(2)
RXi to IFj Isolation (P_IFj-P_IFi)
within F_RX_R2
-25
-22
dB
DG_RX
Calibrated differential Gain RX_1 vs
RX_2 over operating conditions
+/- 0.25
+/-1
dB
Gc≥18dB
DP_RX
Calibrated differential Phase RX_1 vs
RX_2 over operating conditions
+/- 1.5
+/-4
°
Gc≥18dB
VD_LNA;
VG_LNA;
VG_BUF,
VD_BUF
Supply Voltage
+4.7
+5
+5.3
V
VG_LNA
Supply Voltage for gain tune
0
5.3
V
I_VG_LNA
LNA Total VG Supply Current
10
15
mA
I_VD_LNA
LNA Total VD Supply Current
90
125
mA
I_BUF
Buffer Total VG & VD Supply Current
55
75
mA
I_VG_BUF
Buffer VG current alone
9
14
mA
Top
Operating temperature range
-40
+105
°C
Top=Tcase


Similar Part No. - CHR2421-QEG21

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2421-QEG UMS-CHR2421-QEG Datasheet
722Kb / 10P
   23.75-24.5GHz Dual Rx Channel
CHR2421-QEG UMS-CHR2421-QEG_15 Datasheet
722Kb / 10P
   23.75-24.5GHz Dual Rx Channel
More results

Similar Description - CHR2421-QEG21

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2421-QEG UMS-CHR2421-QEG_15 Datasheet
722Kb / 10P
   23.75-24.5GHz Dual Rx Channel
CHR2411-QDG UMS-CHR2411-QDG Datasheet
646Kb / 8P
   22-24.5GHz RX Multifunction
CHR2411-QDG UMS-CHR2411-QDG_13 Datasheet
587Kb / 10P
   22-24.5GHz RX Multifunction
CHR2411-QDG UMS-CHR2411-QDG_15 Datasheet
598Kb / 10P
   22-24.5GHz RX Multifunction
CHV2421-QDG UMS-CHV2421-QDG_15 Datasheet
948Kb / 12P
   24-24.5GHz Tx Multifunction
logo
Radiometrix Ltd
ENR1 RADIOMETRIX-ENR1 Datasheet
437Kb / 13P
   12.5kHz Channel VHF TX / RX
ENT1 RADIOMETRIX-ENT1_14 Datasheet
437Kb / 13P
   12.5kHz Channel VHF TX / RX
logo
Maxim Integrated Produc...
DS1877 MAXIM-DS1877 Datasheet
2Mb / 65P
   SFP Controller for Dual Rx Interface
Rev 1; 4/10
DS1877 MAXIM-DS1877_V01 Datasheet
2Mb / 65P
   SFP Controller for Dual Rx Interface
19-5188; Rev 1; 4/10
logo
Abracon Corporation
AWCCA-RX350300-101 ABRACON-AWCCA-RX350300-101 Datasheet
434Kb / 3P
   20W RX DUAL MODE WIRELESS CHARGING COIL
09/02/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com