Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3224J-2-502 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 3224J-2-502
Description  3224 4 mm SMD Trimpot Trimming Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3224J-2-502 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  3224J-2-502 Datasheet HTML 1Page - Bourns Electronic Solutions 3224J-2-502 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
“Trimpot” is a registered trademark of Bourns, Inc.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3224 - Packaging Specifications
Additional Features
Top and side adjust styles
J-hook, and gull-wing
REV. 09/11
J & G Styles
W Style
X Style
TAPE
178
± 2.0
(7.00
± .008)
13.0
± .51
(.512
± .020)
1.78
± .25
(.070
± .010)
21.01
± .79
(.827
± .031)
2.67
± .25
(.105
± .010)
59.18
± 2.03
(2.330
± .080)
12.4 + 2.01/ -.000
(.488 + .079/ -.000)
REEL
4.5
(.177)
5.52
± .05
(.217
± .002)
1.5 + .10/ –.00
(.059 + .004/ –.000)
4.00
± .20
(.157
± .008)
2.00
± .05
(.079
± .002)
8.00
± .10
(.315
± .004)
1.75
± .10
(.069
± .004)
12.00
± .30
(.472
± .012)
5.10
± .10
(.201
± .004)
5.55
± .10
(.219
± .004)
6.25
± .10
(.246
± .004)
MAX.
.04
(.002)
MAX.
(J)
(G)
DIA.
EQUAL SPACED
3 PLCS.
DIA.
DIA.
DIA.
*
330.2
± 2.0
(13.00
± .008)
DIA.
**
Cover tape peel strength: Meets EIA specification 481.
* Embossed Tape Designator "E"
**Embossed Tape Designator "G"
(See How To Order chart for further information.)
TAPE
7.50
± .05
(.295
± .002)
12.00
± .10
(.472
± .004)
4.05
± .12
(.159
± .005)
4.90
± .10
(.193
± .004)
.05
(.002)
MAX.
6.09
(.240)
MAX.
16.00
± .30
(.630
± .012)
1.5 + .10/ –.00
(.059 + .004/ –.000)
4.00
± .20
(.157
± .008)
2.00
± .05
(.079
± .002)
1.75
± .10
(.069
± .004)
DIA.
16.4 + 1.81/ -.000
(.646
± .070/ -.000)
REEL
Cover tape peel strength: Meets EIA specification 481.
* Embossed Tape Designator "E"
**Embossed Tape Designator "G"
(See How To Order chart for further information.)
TAPE
7.50
(.295)
12.00
(.472)
6.70
(.264)
.35
(.014)
6.35
(.250)
MAX.
16.0
± 0.30
(.630
± .012)
8.6
(.339)
1.5 + .10/ –.00
(.059 + .004/ –.000)
4.00
(.157)
2.00
(.079)
1.75
(.069)
DIA.
MAX
1
3 CW
CLOCKWISE
CCW
2 WIPER
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
DIMENSIONS:
MM
(INCHES)
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
2,000,000
205
Popular distribution values listed in boldface.
Special resistances available.
W & X Style Reel


Similar Part No. - 3224J-2-502

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3224J-2-502 BOURNS-3224J-2-502 Datasheet
237Kb / 2P
   3224 - 4 mm SMD Trimpot Trimming Potentiometer
3224J-2-502E BOURNS-3224J-2-502E Datasheet
237Kb / 2P
   3224 - 4 mm SMD Trimpot Trimming Potentiometer
3224J-2-502E BOURNS-3224J-2-502E Datasheet
132Kb / 2P
   3224 - 4 mm SMD Trimming Potentiometer
3224J-2-502G BOURNS-3224J-2-502G Datasheet
237Kb / 2P
   3224 - 4 mm SMD Trimpot Trimming Potentiometer
3224J-2-502G BOURNS-3224J-2-502G Datasheet
132Kb / 2P
   3224 - 4 mm SMD Trimming Potentiometer
More results

Similar Description - 3224J-2-502

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3224J-1-502E BOURNS-3224J-1-502E Datasheet
237Kb / 2P
   3224 - 4 mm SMD Trimpot Trimming Potentiometer
3224W-1-105E BOURNS-3224W-1-105E Datasheet
237Kb / 2P
   3224 - 4 mm SMD Trimpot Trimming Potentiometer
3224W-1-501E BOURNS-3224W-1-501E Datasheet
237Kb / 2P
   3224 - 4 mm SMD Trimpot Trimming Potentiometer
3224G-1-101E BOURNS-3224G-1-101E Datasheet
239Kb / 2P
   3224 - 4 mm SMD Trimpot Trimming Potentiometer
3224X-2-503E BOURNS-3224X-2-503E Datasheet
239Kb / 2P
   3224 - 4 mm SMD Trimpot Trimming Potentiometer
3224-776900 BOURNS-3224-776900 Datasheet
562Kb / 4P
   3224 - 4 mm SMD Trimpot® Trimming Potentiometer
3224J-1-104E BOURNS-3224J-1-104E Datasheet
132Kb / 2P
   3224 - 4 mm SMD Trimming Potentiometer
3224W-1-103E BOURNS-3224W-1-103E Datasheet
132Kb / 2P
   3224 - 4 mm SMD Trimming Potentiometer
3224X-1-102E BOURNS-3224X-1-102E Datasheet
237Kb / 2P
   3224 - 4 mm SMD Trimpot짰 Trimming Potentiometer
3224W-1-204E BOURNS-3224W-1-204E Datasheet
237Kb / 2P
   3224 - 4 mm SMD Trimpot짰 Trimming Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com