Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHK080A-SRA26 Datasheet(PDF) 9 Page - United Monolithic Semiconductors

Part # CHK080A-SRA26
Description  80W Power Packaged Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHK080A-SRA26 Datasheet(HTML) 9 Page - United Monolithic Semiconductors

Back Button CHK080A-SRA26 Datasheet HTML 5Page - United Monolithic Semiconductors CHK080A-SRA26 Datasheet HTML 6Page - United Monolithic Semiconductors CHK080A-SRA26 Datasheet HTML 7Page - United Monolithic Semiconductors CHK080A-SRA26 Datasheet HTML 8Page - United Monolithic Semiconductors CHK080A-SRA26 Datasheet HTML 9Page - United Monolithic Semiconductors CHK080A-SRA26 Datasheet HTML 10Page - United Monolithic Semiconductors CHK080A-SRA26 Datasheet HTML 11Page - United Monolithic Semiconductors CHK080A-SRA26 Datasheet HTML 12Page - United Monolithic Semiconductors CHK080A-SRA26 Datasheet HTML 13Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
80W Power Packaged Transistor
CHK080A-SRA
Ref. : DSCHK080A-SRA3148 - 28 Jun 13
9/14
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Demonstration Amplifier Low Frequency Equivalent Schematic
Demonstration Amplifier / Bill of Materials (Ref. 61500192)
Designator
Type
Value - Description
Qty
C1
Capacitor
1pF, +/- 0.1pF, 0603
4
C2
Capacitor
3.3pF, +/- 0.1pF, 0603
1
C3
Capacitor
5.6pF, +/- 0.25%, 0603
4
C4
Capacitor
10pF, +/- 5%, 0603
4
C5
Capacitor
120pF, +/- 5%, 0805
4
C6
Capacitor
240pF, +/- 5%, 0805
4
C7
Capacitor
10nF, +/- 10%, 0805
4
C8
Capacitor
1µF, +/- 10%, 1204
4
C9
Capacitor
68µF, +/- 10%, H13
2
R1
Resistor
49.9Ω, +/- 1%, 0603
4
R2
Resistor
220Ω +/- 1%, 0603
1
R3
Resistor
22Ω +/- 1%, MMA0204
2
J1
Connector
CMS 3cts
2
J2
Connector
CMS 5cts
2
J3
Connector
N
2
Q1
Packaged Transistor
CHK080A-SRA
1
-
PCB
RO4003, Er=3.55, h=0.508mm
-
OUT
IN
C3
C4
C5
C6
C7
C8
C1
C1
C1
C1
C3
C4
C5
C6
C7
C8
C7
C6
C5
C4
C3
C8
C7
C6
C5
C4
C3
C8
C2
R1
R1
R1
R1
R2
R3
R3
J2
J1
J1
J2
J3
J3
Q1
Vg
Vd
+
+
Vg
Vd
+
+
OU
T
IN
C3
C4
C5
C6
C7
C8
C1
C1
C1
C1
C3
C4
C5
C6
C7
C8
C7
C6
C5
C4
C3
C8
C7
C6
C5
C4
C3
C8
C2
R1
R1
R1
R1
R2
R3
R3
J2
J1
J1
J2
J3
J3
Q1
C9
C9
OU
T
IN
C3
C4
C5
C6
C7
C8
C1
C1
C1
C1
C3
C4
C5
C6
C7
C8
C7
C6
C5
C4
C3
C8
C7
C6
C5
C4
C3
C8
C2
R1
R1
R1
R1
R2
R3
R3
J2
J1
J1
J2
J3
J3
Q1


Similar Part No. - CHK080A-SRA26

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHK015A-QIA UMS-CHK015A-QIA Datasheet
710Kb / 18P
   15W Power Packaged Transistor
CHK015A-SMA UMS-CHK015A-SMA Datasheet
410Kb / 12P
   15W Power Packaged Transistor
CHK015A-SMA26 UMS-CHK015A-SMA26 Datasheet
410Kb / 12P
   15W Power Packaged Transistor
CHK025A-SOA UMS-CHK025A-SOA Datasheet
581Kb / 14P
   25W Power Packaged Transistor
CHK025A-SOA26 UMS-CHK025A-SOA26 Datasheet
581Kb / 14P
   25W Power Packaged Transistor
More results

Similar Description - CHK080A-SRA26

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHK025A-SOA UMS-CHK025A-SOA Datasheet
581Kb / 14P
   25W Power Packaged Transistor
CHK015A-QIA UMS-CHK015A-QIA Datasheet
710Kb / 18P
   15W Power Packaged Transistor
CHK040A-SOA UMS-CHK040A-SOA Datasheet
405Kb / 14P
   40W Power Packaged Transistor
CHK015A-SMA UMS-CHK015A-SMA Datasheet
410Kb / 12P
   15W Power Packaged Transistor
logo
Sanyo Semicon Device
STK416-090-E SANYO-STK416-090-E Datasheet
217Kb / 12P
   Thick-Film Hybrid IC 3-Channel Power Switching Audio Power IC, 80W80W80W
STK415-120-E SANYO-STK415-120-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 80W80W
logo
LinkCom Manufacturing C...
80W-LCCH LINKCOM-80W-LCCH Datasheet
496Kb / 4P
   80W Power Supply
logo
M/A-COM Technology Solu...
DU2880U MA-COM-DU2880U Datasheet
156Kb / 3P
   RF Power MOSFET Transistor 80W, 2-175MHz, 28V
DU2880T MA-COM-DU2880T Datasheet
145Kb / 3P
   RF Power MOSFET Transistor 80W, 2-175MHz, 28V
DU2880V MA-COM-DU2880V Datasheet
154Kb / 3P
   RF Power MOSFET Transistor 80W, 2-175MHz, 28V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com