Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA3012D-02 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # KA3012D-02
Description  4-Channel Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3012D-02 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button KA3012D-02 Datasheet HTML 5Page - Fairchild Semiconductor KA3012D-02 Datasheet HTML 6Page - Fairchild Semiconductor KA3012D-02 Datasheet HTML 7Page - Fairchild Semiconductor KA3012D-02 Datasheet HTML 8Page - Fairchild Semiconductor KA3012D-02 Datasheet HTML 9Page - Fairchild Semiconductor KA3012D-02 Datasheet HTML 10Page - Fairchild Semiconductor KA3012D-02 Datasheet HTML 11Page - Fairchild Semiconductor KA3012D-02 Datasheet HTML 12Page - Fairchild Semiconductor KA3012D-02 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
KA3012D
11
Test Circuits
V
V
V
A
V
V
V
V
V
12
34
56
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
KA3012D
SW4
RL4
10
µF
PVCC1
SW3
PVCC2
10
µF
RL3 RL3
SW1
RL1
SVCC
10
µF
Bias
2.5V
VMUTE
SW2
RL2 RL2
12V
OPIN (+)
OPIN (
−)OPOUT
SW5
1
2
3
1M
VIN1
VIN2
1.2k
VCC
SW7
1
2
3
SW6
VIN3
VIN5
10
µF
1M
2
3
1
VIN4


Similar Part No. - KA3012D-02

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3010D FAIRCHILD-KA3010D Datasheet
399Kb / 13P
   4-CH MOTOR DRIVER
KA3011 FAIRCHILD-KA3011 Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
KA3011BDTF FAIRCHILD-KA3011BDTF Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
More results

Similar Description - KA3012D-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D5954 ETC1-D5954 Datasheet
419Kb / 6P
   4 CHANNEL DRIVER MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8024ED FAIRCHILD-FAN8024ED Datasheet
187Kb / 12P
   4-Channel Motor Driver
FAN8024BD FAIRCHILD-FAN8024BD Datasheet
160Kb / 10P
   4-Channel Motor Driver
FAN8040 FAIRCHILD-FAN8040 Datasheet
514Kb / 17P
   4-Channel Motor Driver
KA3021D FAIRCHILD-KA3021D Datasheet
194Kb / 12P
   4-Channel Motor Driver
FAN8024CD FAIRCHILD-FAN8024CD Datasheet
179Kb / 12P
   4-Channel Motor Driver
KA3022D FAIRCHILD-KA3022D Datasheet
199Kb / 12P
   4-Channel Motor Driver
KA3027D2 FAIRCHILD-KA3027D2 Datasheet
282Kb / 14P
   4-Channel Motor Driver
FAN8024D FAIRCHILD-FAN8024D Datasheet
192Kb / 11P
   4-Channel Motor Driver
logo
Mitsubishi Electric Sem...
M56754SP MITSUBISHI-M56754SP Datasheet
898Kb / 7P
   4-CHANNEL ACTUATOR MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com