Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHK040A-SOA Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHK040A-SOA
Description  40W Power Packaged Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHK040A-SOA Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHK040A-SOA Datasheet HTML 1Page - United Monolithic Semiconductors CHK040A-SOA Datasheet HTML 2Page - United Monolithic Semiconductors CHK040A-SOA Datasheet HTML 3Page - United Monolithic Semiconductors CHK040A-SOA Datasheet HTML 4Page - United Monolithic Semiconductors CHK040A-SOA Datasheet HTML 5Page - United Monolithic Semiconductors CHK040A-SOA Datasheet HTML 6Page - United Monolithic Semiconductors CHK040A-SOA Datasheet HTML 7Page - United Monolithic Semiconductors CHK040A-SOA Datasheet HTML 8Page - United Monolithic Semiconductors CHK040A-SOA Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
40W Power Packaged Transistor
CHK040A-SOA
Ref. : DSCHK040ASOA3021 - 21 Jan 13
5/14
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical S-parameters
Tcase= +25°C, CW mode, VD=50V, ID_Q=300mA, Phase S(i,j) in °
Freq
(GHz)
Mag
S(1,1)
Phase
S(1,1)
Mag
S(2,1)
Phase
S(2,1)
Mag
S(1,2)
Phase
S(1,2)
Mag
S(2,2)
Phase
S(2,2)
0
0.99
0.00
102.98
-180.00
0.0000
180.00
0.53
0.00
0.25
0.89
-148.78
26.70
94.89
0.0120
8.67
0.37
-127.84
0.5
0.90
-165.08
13.34
77.63
0.0120
-4.55
0.42
-137.95
0.75
0.90
-171.34
8.59
65.80
0.0110
-11.66
0.50
-141.46
1
0.91
-175.14
6.13
55.96
0.0090
-15.55
0.57
-144.97
1.25
0.92
-178.05
4.64
47.41
0.0080
-16.10
0.63
-148.80
1.5
0.93
179.44
3.65
39.85
0.0060
-12.17
0.69
-152.71
1.75
0.93
177.13
2.95
33.12
0.0050
-2.19
0.73
-156.53
2
0.94
174.95
2.45
27.06
0.0050
13.92
0.77
-160.17
2.25
0.94
172.84
2.06
21.58
0.0050
31.44
0.80
-163.60
2.5
0.95
170.78
1.77
16.56
0.0060
44.67
0.82
-166.83
2.75
0.95
168.74
1.54
11.94
0.0070
52.66
0.84
-169.87
3
0.95
166.71
1.36
7.63
0.0080
56.95
0.86
-172.76
3.25
0.95
164.67
1.22
3.58
0.0100
58.94
0.87
-175.50
3.5
0.95
162.61
1.10
-0.26
0.0120
59.51
0.88
-178.13
3.75
0.95
160.53
1.00
-3.92
0.0130
59.18
0.89
179.33
4
0.96
158.40
0.93
-7.46
0.0150
58.27
0.90
176.87
4.25
0.95
156.21
0.86
-10.90
0.0170
56.96
0.90
174.46
4.5
0.95
153.96
0.81
-14.26
0.0190
55.36
0.91
172.08
4.75
0.95
151.63
0.76
-17.59
0.0200
53.56
0.91
169.73
5
0.95
149.21
0.73
-20.90
0.0220
51.60
0.92
167.39
5.25
0.95
146.67
0.70
-24.22
0.0240
49.50
0.92
165.04
5.5
0.95
144.01
0.68
-27.57
0.0270
47.28
0.92
162.66
5.75
0.95
141.19
0.66
-30.99
0.0290
44.94
0.92
160.25
6
0.94
138.20
0.65
-34.51
0.0310
42.48
0.92
157.78
6.25
0.94
134.99
0.64
-38.14
0.0340
39.89
0.92
155.24
6.5
0.93
131.54
0.64
-41.93
0.0370
37.14
0.92
152.61
6.75
0.93
127.81
0.64
-45.92
0.0400
34.22
0.92
149.87
7
0.92
123.74
0.65
-50.14
0.0430
31.10
0.92
146.99
7.25
0.92
119.28
0.66
-54.64
0.0470
27.73
0.91
143.95
7.5
0.91
114.35
0.68
-59.48
0.0510
24.07
0.91
140.70
7.75
0.90
108.86
0.70
-64.72
0.0550
20.05
0.91
137.23
8
0.89
102.71
0.73
-70.44
0.0610
15.61
0.90
133.46
8.25
0.88
95.78
0.76
-76.71
0.0660
10.66
0.90
129.35
8.5
0.87
87.92
0.80
-83.64
0.0730
5.10
0.89
124.82
8.75
0.85
78.95
0.84
-91.33
0.0800
-1.18
0.89
119.78
9
0.83
68.71
0.89
-99.89
0.0880
-8.30
0.88
114.10
9.25
0.82
57.03
0.95
-109.45
0.0970
-16.37
0.87
107.63
9.5
0.80
43.79
1.00
-120.09
0.1060
-25.51
0.87
100.14
9.75
0.79
28.98
1.05
-131.91
0.1150
-35.83
0.86
91.38
10
0.78
12.80
1.10
-144.94
0.1230
-47.36
0.85
81.00


Similar Part No. - CHK040A-SOA

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHK015A-QIA UMS-CHK015A-QIA Datasheet
710Kb / 18P
   15W Power Packaged Transistor
CHK015A-SMA UMS-CHK015A-SMA Datasheet
410Kb / 12P
   15W Power Packaged Transistor
CHK015A-SMA26 UMS-CHK015A-SMA26 Datasheet
410Kb / 12P
   15W Power Packaged Transistor
CHK025A-SOA UMS-CHK025A-SOA Datasheet
581Kb / 14P
   25W Power Packaged Transistor
CHK025A-SOA26 UMS-CHK025A-SOA26 Datasheet
581Kb / 14P
   25W Power Packaged Transistor
More results

Similar Description - CHK040A-SOA

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHK025A-SOA UMS-CHK025A-SOA Datasheet
581Kb / 14P
   25W Power Packaged Transistor
CHK080A-SRA UMS-CHK080A-SRA Datasheet
577Kb / 14P
   80W Power Packaged Transistor
CHK015A-QIA UMS-CHK015A-QIA Datasheet
710Kb / 18P
   15W Power Packaged Transistor
CHK015A-SMA UMS-CHK015A-SMA Datasheet
410Kb / 12P
   15W Power Packaged Transistor
logo
Mospec Semiconductor
2SC4242 MOSPEC-2SC4242 Datasheet
120Kb / 3P
   POWER TRANSISTOR(7A,400V,40W)
logo
Motorola, Inc
MRF224 MOTOROLA-MRF224 Datasheet
131Kb / 3P
   40W, 175MHz RF POWER TRANSISTOR NPN SILICON
logo
STMicroelectronics
2N5641 STMICROELECTRONICS-2N5641 Datasheet
182Kb / 2P
   7W / 20W / 40W, 28V, VHF POWER TRANSISTOR
logo
Tyco Electronics
PH0814-40 MACOM-PH0814-40 Datasheet
96Kb / 1P
   Linear Power Transistor, 40W 850 - 1450 MHz
logo
NTE Electronics
NTE320 NTE-NTE320 Datasheet
27Kb / 3P
   Silicon NPN RF Power Transistor 40W @ 175MHz
logo
Delta Electronics, Inc.
DPS-40AP-10A DELTA-DPS-40AP-10A Datasheet
1Mb / 3P
   Total power 40W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com