Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHK040A-SOA Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHK040A-SOA
Description  40W Power Packaged Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHK040A-SOA Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHK040A-SOA Datasheet HTML 1Page - United Monolithic Semiconductors CHK040A-SOA Datasheet HTML 2Page - United Monolithic Semiconductors CHK040A-SOA Datasheet HTML 3Page - United Monolithic Semiconductors CHK040A-SOA Datasheet HTML 4Page - United Monolithic Semiconductors CHK040A-SOA Datasheet HTML 5Page - United Monolithic Semiconductors CHK040A-SOA Datasheet HTML 6Page - United Monolithic Semiconductors CHK040A-SOA Datasheet HTML 7Page - United Monolithic Semiconductors CHK040A-SOA Datasheet HTML 8Page - United Monolithic Semiconductors CHK040A-SOA Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
40W Power Packaged Transistor
CHK040A-SOA
Ref. : DSCHK040ASOA3021 - 21 Jan 13
3/14
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
RF Characteristics (Pulsed)
Tcase= +25°C, Pulse mode
(1), F = 3GHz, V
DS=50V, ID_Q=300mA
Symbol
Parameter
Min
Typ
Max
Unit
GSS
Small Signal Gain
16
18
dB
PSAT
Saturated Output Power
45
55
W
PAE
Max Power Added Efficiency
55
60
%
GPAE_MAX
Associated Gain at Max PAE
13
dB
(1) Input RF and gate voltage are pulsed. Conditions are 25µs width, 10% duty cycle and 1µs
offset between DC and RF pulse.
These values are the intrinsic performance of the packaged device. They are deduced from
measurements and simulations. They are considered in the reference plane defined by the
leads of the package, at the connection interface with the PCB.
The typical performance achievable in more than 25% frequency band around 3GHz was
demonstrated using the reference board 61499547 presented hereafter.
Absolute Maximum Ratings
Tcase= +25°C
(1), (2), (3)
Symbol
Parameter
Rating
Unit
Note
VDS
Drain-Source Voltage
60
V
VGS_Q
Gate-Source Voltage
-10, +2
V
(6)
IG_MAX
Maximum Gate Current in forward mode
72
mA
IG_MIN
Maximum Gate Current in reverse mode
-12
mA
ID_MAX
Maximum Drain Current
6
A
(4)
PIN
Maximum Input Power (typical)
39
dBm
(5)
Tj
Junction Temperature
220
°C
TSTG
Storage Temperature
-55 to +150
°C
TCase
Case Operating Temperature
See note
°C
(4)
(1) Operation of this device above anyone of these parameters may cause permanent
damage.
(2) Duration < 1s.
(3) The given values must not be exceeded at the same time even momentarily for any
parameter, since each parameter is independent from each other, otherwise deterioration or
destruction of the device may take place.
(4) Max junction temperature must be considered
(5) @3GHz - Linked to and limited by I
G_MAX & IG_MIN values
(6) V
GS_Q max limited by ID_MAX and IG_MAX values


Similar Part No. - CHK040A-SOA

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHK015A-QIA UMS-CHK015A-QIA Datasheet
710Kb / 18P
   15W Power Packaged Transistor
CHK015A-SMA UMS-CHK015A-SMA Datasheet
410Kb / 12P
   15W Power Packaged Transistor
CHK015A-SMA26 UMS-CHK015A-SMA26 Datasheet
410Kb / 12P
   15W Power Packaged Transistor
CHK025A-SOA UMS-CHK025A-SOA Datasheet
581Kb / 14P
   25W Power Packaged Transistor
CHK025A-SOA26 UMS-CHK025A-SOA26 Datasheet
581Kb / 14P
   25W Power Packaged Transistor
More results

Similar Description - CHK040A-SOA

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHK025A-SOA UMS-CHK025A-SOA Datasheet
581Kb / 14P
   25W Power Packaged Transistor
CHK080A-SRA UMS-CHK080A-SRA Datasheet
577Kb / 14P
   80W Power Packaged Transistor
CHK015A-QIA UMS-CHK015A-QIA Datasheet
710Kb / 18P
   15W Power Packaged Transistor
CHK015A-SMA UMS-CHK015A-SMA Datasheet
410Kb / 12P
   15W Power Packaged Transistor
logo
Mospec Semiconductor
2SC4242 MOSPEC-2SC4242 Datasheet
120Kb / 3P
   POWER TRANSISTOR(7A,400V,40W)
logo
Motorola, Inc
MRF224 MOTOROLA-MRF224 Datasheet
131Kb / 3P
   40W, 175MHz RF POWER TRANSISTOR NPN SILICON
logo
STMicroelectronics
2N5641 STMICROELECTRONICS-2N5641 Datasheet
182Kb / 2P
   7W / 20W / 40W, 28V, VHF POWER TRANSISTOR
logo
Tyco Electronics
PH0814-40 MACOM-PH0814-40 Datasheet
96Kb / 1P
   Linear Power Transistor, 40W 850 - 1450 MHz
logo
NTE Electronics
NTE320 NTE-NTE320 Datasheet
27Kb / 3P
   Silicon NPN RF Power Transistor 40W @ 175MHz
logo
Delta Electronics, Inc.
DPS-40AP-10A DELTA-DPS-40AP-10A Datasheet
1Mb / 3P
   Total power 40W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com