Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE27 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # P4KE27
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

P4KE27 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  P4KE27 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd P4KE27 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd P4KE27 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd P4KE27 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.yeashin.com
2
REV.02 20120403
P4KE Series
BreakdownVoltage
Test
Current
Reverse Leakage
Max.Clamp
Voltage
Peak
Pulse
Current
Reverse
Stand-off
Voltage
VBR@IT
R@ VRWM
Part Number
VRWM
Min.
Max.
T
UNI
BI
Vc@Ipp
Ipp
UNI
BI
V
V
V
m A
µA
µA
V
A
Package
400W Transient Voltage Suppresor
P4KE6.8
P4KE6.8C
5.5
6.12
7.48
10
1000.0
2000.0
10.8
37.0
DO-41
P4KE6.8A
P4KE6.8CA
5.8
6.45
7.14
10
1000.0
2000.0
10.5
38.1
DO-41
P4KE7.5
P4KE7.5C
6.1
6.75
8.25
10
5000
1000.0
11.7
34.2
DO-41
P4KE7.5A
P4KE7.5CA
6.4
7.13
7.88
10
500.0
1000.0
11.3
35.4
DO-41
P4KE8.2
P4KE8.2C
6.6
7.38
9.02
10
200.0
400.0
12.5
32.0
DO-41
P4KE8.2A
P4KE8.2CA
7.0
7.79
8.61
10
200.0
400.0
12.1
33.1
DO-41
P4KE9.1
P4KE9.1C
7.4
8.19
10.00
1
50.0
100.0
13.8
29.0
DO-41
P4KE9.1A
P4KE9.1CA
7.8
8.65
9.55
1
50.0
100.0
13.4
29.9
DO-41
P4KE10
P4KE10C
8.1
9.00
11.00
1
10.0
20.0
15.0
26.7
DO-41
P4KE10A
P4KE10CA
8.6
9.50
10.50
1
10.0
20.0
14.5
27.6
DO-41
P4KE11
P4KE11C
8.9
9.90
12.10
1
5.0
10.0
16.2
24.7
DO-41
P4KE11A
P4KE11CA
9.4
10.50
11.60
1
5.0
10.0
15.6
25.6
DO-41
P4KE12
P4KE12C
9.7
10.80
13.20
1
5.0
10.0
17.3
23.1
DO-41
P4KE12A
P4KE12CA
10.2
11.40
12.60
1
5.0
5.0
16.7
24.0
DO-41
P4KE13
P4KE13C
10.5
11.70
14.30
1
5.0
5.0
19.0
21.1
DO-41
P4KE13A
P4KE13CA
11.1
12.40
13.70
1
5.0
5.0
18.2
22.0
DO-41
P4KE15
P4KE15C
12.1
13.50
16.50
1
5.0
5.0
22.0
18.2
DO-41
P4KE15A
P4KE15CA
12.8
14.30
15.80
1
5.0
5.0
21.2
18.9
DO-41
P4KE16
P4KE16C
12.9
14.40
17.60
1
5.0
5.0
23.5
17.0
DO-41
P4KE16A
P4KE16CA
13.6
15.20
16.80
1
5.0
5.0
22.5
17.8
DO-41
P4KE18
P4KE18C
14.5
16.20
19.80
1
5.0
5.0
26.5
15.1
DO-41
P4KE18A
P4KE18CA
15.3
17.10
18.90
1
5.0
5.0
25.2
15.9
DO-41
P4KE20
P4KE20C
16.2
18.00
22.00
1
5.0
5.0
29.1
13.7
DO-41
P4KE20A
P4KE20CA
17.1
19.00
21.00
1
5.0
5.0
27.7
14.4
DO-41
P4KE22
P4KE22C
17.8
19.80
24.20
1
5.0
5.0
31.9
12.5
DO-41
P4KE22A
P4KE22CA
18.8
20.90
23.10
1
5.0
5.0
30.6
13.1
DO-41
P4KE24
P4KE24C
19.4
21.60
26.40
1
5.0
5.0
34.7
11.5
DO-41
P4KE24A
P4KE24CA
20.5
22.80
25.20
1
5.0
5.0
33.2
12.0
DO-41
P4KE27
P4KE27C
21.8
24.30
29.70
1
5.0
5.0
39.1
10.2
DO-41
P4KE27A
P4KE27CA
23.1
25.70
28.40
1
5.0
5.0
37.5
10.7
DO-41
P4KE30
P4KE30C
24.3
27.00
33.00
1
5.0
5.0
43.5
9.2
DO-41
P4KE30A
P4KE30CA
25.6
28.50
31.50
1
5.0
5.0
41.4
9.7
DO-41
P4KE33
P4KE33C
26.8
29.70
36.30
1
5.0
5.0
47.7
8.4
DO-41
P4KE33A
P4KE33CA
28.2
31.40
34.70
1
5.0
5.0
45.7
8.8
DO-41
P4KE36
P4KE36C
29.1
32.40
39.60
1
5.0
5.0
52.0
7.7
DO-41
P4KE36A
P4KE36CA
30.8
34.20
37.80
1
5.0
5.0
49.9
8.0
DO-41
P4KE39
P4KE39C
31.6
35.10
42.90
1
5.0
5.0
56.4
7.1
DO-41
P4KE39A
P4KE39CA
33.3
37.10
41.00
1
5.0
5.0
53.9
7.4
DO-41
P4KE43
P4KE43C
34.8
38.70
47.30
1
5.0
5.0
61.9
6.5
DO-41
P4KE43A
P4KE43CA
36.8
40.90
45.20
1
5.0
5.0
59.3
6.7
DO-41
P4KE47
P4KE47C
38.1
42.30
51.70
1
5.0
5.0
67.8
5.9
DO-41
P4KE47A
P4KE47CA
402
44.70
49.40
1
5.0
5.0
64.8
6.2
DO-41
P4KE51
P4KE51C
41.3
45.90
56.10
1
5.0
5.0
73.5
5.4
DO-41
P4KE51A
P4KE51CA
43.6
48.50
53.60
1
5.0
5.0
70.1
5.7
DO-41


Similar Part No. - P4KE27

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE27 PANJIT-P4KE27 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Shenzhen Luguang Electr...
P4KE27 LUGUANG-P4KE27 Datasheet
2Mb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Rugao Dachang Electroni...
P4KE27 DACHANG-P4KE27 Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
Diotec Semiconductor
P4KE27 DIOTEC-P4KE27 Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4KE27 LUGUANG-P4KE27 Datasheet
416Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE27

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com