Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS4018-184MLC Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # LPS4018-184MLC
Description  Shielded Power Inductors LPS4018
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS4018-184MLC Datasheet(HTML) 1 Page - Coilcraft lnc.

  LPS4018-184MLC Datasheet HTML 1Page - Coilcraft lnc. LPS4018-184MLC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical of high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
Shielded Power Inductors–LPS4018
Document 435-1
Document 435-1 Revised 05/15/12
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 54 – 100 mg
Ambient temperature –40°C to +85°C with Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 1000/7
″ reel; 3500/13″ reel Plastic tape: 12 mm wide,
0.23 mm thick, 8 mm pocket spacing, 1.9 mm pocket depth
Recommended pick and place nozzle OD: 4 mm; ID:
≤ 2 mm
PCB washing Only pure water or alcohol recommended
1. Please specify
termination and packaging codes:
LPS4018-223MLC
Termination: L = RoHS compliant silver-palladium-
platinum-glass frit.
Special order:
T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-
lead (63/37).
Packaging: C= 7
″ machine-ready reel. EIA-481
embossed plastic tape (1000 parts
per full reel).
B= Less than full reel. In tape, but not
machine ready.
To have a leader and trailer added
($25 charge), use code letter C
instead.
D= 13
″ machine-ready reel. EIA-481
embossed plastic tape. Factory
order only, not stocked (3500 parts
per full reel).
2. Inductance tested at 100 kHz, 0.1 Vrms using an
Agilent/HP 4192A. Inductance at 1 MHz is the same
for parts with SRF
≥10 MHz.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 8753ES or equivalent.
5. DC current that causes the specified inductance drop
from its value without current.
6. Current that causes the specified temperature rise
from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Compo-
nents” before soldering.
DCR
SRF
Isat (A)5
Irms (A)6
Inductance2 max3
typ4 10% 20% 30%
20°C 40°C
Part number1
(µH)
(Ohms) (MHz) drop drop drop
rise
rise
LPS4018-561ML_
0.56 ±20% 0.033 250
4.8
5.2
5.3
1.9
2.8
LPS4018-102NL_
1.0 ±30% 0.042 180
3.8
3.9
4.0
1.8
2.5
LPS4018-222ML_
2.2 ±20% 0.070
90
2.7
2.8
2.9
1.5
2.0
LPS4018-332ML_
3.3 ±20% 0.080
75
1.9
2.0
2.0
1.4
1.9
LPS4018-472ML_
4.7 ±20% 0.125
65
1.8
1.9
1.9
1.3
1.8
LPS4018-682ML_
6.8 ±20% 0.150
50
1.2
1.3
1.3
1.0
1.5
LPS4018-103ML_
10 ±20%
0.200
40
1.1
1.2
1.3
0.90 1.25
LPS4018-153ML_
15 ±20%
0.260
32
0.86
0.91
0.94
0.80 1.12
LPS4018-183ML_
18 ±20%
0.270
27
0.78
0.83
0.85
0.70 1.00
LPS4018-223ML_
22 ±20%
0.360
26
0.74
0.80
0.83
0.65 0.90
LPS4018-333ML_
33 ±20%
0.420
20
0.58
0.64
0.68
0.55 0.80
LPS4018-473ML_
47 ±20%
0.650
16
0.51
0.55
0.56
0.45 0.68
LPS4018-683ML_
68 ±20%
0.950
13
0.41
0.45
0.46
0.40 0.56
LPS4018-104ML_ 100 ±20%
1.40
10
0.34
0.36
0.37
0.35 0.50
LPS4018-124ML_ 120 ±20%
1.60
9.0 0.31
0.33
0.34
0.30 0.45
LPS4018-154ML_ 150 ±20%
2.00
8.0 0.27
0.29
0.30
0.28 0.40
LPS4018-184ML_ 180 ±20%
2.50
7.5 0.24
0.26
0.27
0.26 0.36
LPS4018-224ML_ 220 ±20%
3.70
6.5 0.21
0.225 0.235 0.20 0.30
LPS4018-334ML_ 330 ±20%
5.90
5.5 0.18
0.19
0.20
0.17 0.23
LPS4018-474ML_ 470 ±20%
7.80
4.5 0.14
0.16
0.17
0.15 0.20
LPS4018-564ML_ 560 ±20%
10.0
4.0 0.13
0.14
0.15
0.14 0.18
LPS4018-684ML_ 680 ±20%
11.5
3.5 0.12
0.13
0.14
0.12 0.16
LPS4018-824ML_ 820 ±20%
14.0
2.9 0.11
0.12
0.13
0.10 0.14
LPS4018-105ML_ 1000 ±20% 18.0
2.8 0.10
0.11
0.11
0.098 0.125
LPS4018-155ML_ 1500 ±20% 25.0
2.4 0.095 0.10
0.105 0.080 0.110
LPS4018-185ML_ 1800 ±20% 31.5
2.3 0.090 0.095 0.100 0.070 0.095
LPS4018-225ML_ 2200 ±20% 32.5
2.1 0.088 0.094 0.100 0.070 0.090
LPS4018-335ML_ 3300 ±20% 48.0
1.6 0.082 0.092 0.094 0.055 0.075
• VerylowDCR;excellentcurrenthandling
• 4.0×4.0mmfootprint;lessthan1.8mmtall


Similar Part No. - LPS4018-184MLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS4018-184ML COILCRAFT-LPS4018-184ML Datasheet
211Kb / 2P
   Shielded Power Inductors
LPS4018-184ML_ COILCRAFT-LPS4018-184ML_ Datasheet
204Kb / 2P
   Very low DCR; excellent current handling, 4.0 횞 4.0 mm footprint; less than 1.8 mm tall
More results

Similar Description - LPS4018-184MLC

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com