Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS5015-123MLB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # LPS5015-123MLB
Description  Shielded Power Inductors LPS5015
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS5015-123MLB Datasheet(HTML) 1 Page - Coilcraft lnc.

  LPS5015-123MLB Datasheet HTML 1Page - Coilcraft lnc. LPS5015-123MLB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shielded Power Inductors–LPS5015
Document 585-1
Document 585-1 Revised 12/08/11
DCR
SRF
Isat (A)5
Irms (A)6
Inductance2 max3
typ4
10% 20% 30%
20°C 40°C
Part number1 ±20% (µH) (Ohms) (MHz) drop drop drop
rise rise
LPS5015-102ML_
1.0
0.050
183
3.6
3.8
3.9
1.90
2.65
LPS5015-132ML_
1.3
0.065
150
2.5
2.6
2.8
1.70
2.35
LPS5015-182ML_
1.8
0.075
128
2.6
2.8
2.9
1.50
2.15
LPS5015-222ML_
2.2
0.090
116
2.4
2.6
2.7
1.40
2.00
LPS5015-332ML_
3.3
0.125
88
1.9
2.0
2.0
1.30
1.80
LPS5015-472ML_
4.7
0.150
73
1.6
1.7
1.8
1.20
1.62
LPS5015-562ML_
5.6
0.175
67
1.6
1.6
1.6
1.10
1.45
LPS5015-682ML_
6.8
0.225
57
1.3
1.4
1.5
0.90
1.25
LPS5015-822ML_
8.2
0.280
49
1.3
1.3
1.4
0.85
1.05
LPS5015-103ML_
10
0.300
44
1.2
1.3
1.3
0.80
0.95
LPS5015-123ML_
12
0.350
40
1.0
1.1
1.2
0.75
0.84
LPS5015-153ML_
15
0.360
38
0.80
0.84
0.86
0.73
0.84
LPS5015-183ML_
18
0.550
35
0.75
0.77
0.80
0.70
0.83
LPS5015-223ML_
22
0.675
31
0.70
0.73
0.75
0.60
0.82
LPS5015-333ML_
33
0.750
24
0.55
0.59
0.60
0.50
0.70
LPS5015-473ML_
47
1.00
18
0.46
0.48
0.49
0.45
0.57
LPS5015-563ML_
56
1.13
17
0.40
0.43
0.45
0.40
0.52
LPS5015-683ML_
68
1.45
15
0.33
0.38
0.39
0.35
0.47
LPS5015-104ML_
100
1.95
12
0.30
0.33
0.34
0.30
0.42
LPS5015-124ML_
120
2.50
10
0.25
0.28
0.30
0.27
0.37
LPS5015-154ML_
150
3.40
9.3 0.23
0.25
0.26
0.25
0.33
LPS5015-224ML_
220
4.50
7.3 0.20
0.21
0.22
0.22
0.29
LPS5015-334ML_
330
7.40
5.7 0.15
0.17
0.18
0.17
0.22
LPS5015-474ML_
470
7.50
4.9 0.12
0.12
0.13
0.16
0.21
LPS5015-564ML_
560
8.50
4.3 0.10
0.11
0.12
0.14
0.190
LPS5015-684ML_
680
10.6
4.0 0.10
0.11
0.11
0.13
0.175
LPS5015-105ML_
1000
15.0
3.2 0.080 0.090 0.093 0.10
0.150
LPS5015-155ML_
1500
25.0
2.5 0.080 0.086 0.088 0.090 0.140
LPS5015-185ML_
1800
28.0
2.2 0.078 0.083 0.086 0.085 0.130
LPS5015-225ML_
2200
36.0
2.1 0.072 0.078 0.080 0.065 0.090
LPS5015-335ML_
3300
55.0
1.7 0.064 0.072 0.076 0.055 0.075
LPS5015-475ML_
4700
80.0
1.4 0.062 0.069 0.072 0.045 0.065
• VerylowDCR;excellentcurrenthandling
• 5.0×5.0mmfootprint;lessthan1.5mmtall
Designer’s Kit C350 contains3eachofallvalues
Core material Ferrite
Core and winding loss Seewww.coilcraft.com/coreloss
Terminations RoHScompliantsilver-palladium-platinum-glassfrit.
Otherterminationsavailableatadditionalcost.
Weight 102–107mg
Ambient temperature –40°Cto+85°CwithIrmscurrent,+85°Cto
+125°Cwithderatedcurrent
Storage temperature Component:–40°Cto+125°C.
Tapeandreelpackaging:–40°Cto+80°C
Resistance to soldering heat Maxthree40secondreflowsat
+260°C,partscooledtoroomtemperaturebetweencycles
Moisture Sensitivity Level (MSL) 1(unlimitedfloorlifeat<30°C/
85%relativehumidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38perbillionhours/26,315,789hours,calculatedperTelcordiaSR-332
Packaging 1000/7
″reel;3500/13″reel Plastictape: 12mmwide,
0.3mmthick,8mmpocketspacing,1.57mmpocketdepth
Recommended pick and place nozzle OD:5mm; ID:
≤ 2.5 mm
PCB washing Onlypurewateroralcoholrecommended
1. Pleasespecify
termination andpackagingcodes:
LPS5015-335MLC
Termination: L=RoHScompliantsilver-palladium-
platinum-glassfrit.
Specialorder:
T =RoHStin-silver-copper
(95.5/4/0.5)or
S = non-RoHS tin-
lead(63/37).
Packaging: C= 7
″ machine-readyreel. EIA-481
embossedplastictape1000parts
perfullreel).
B=Lessthanfullreel.Intape,butnot
machineready.Tohavealeaderand
traileradded($25charge),usecode
letterCinstead.
D= 13
″ machine-readyreel. EIA-481
embossedplastictape.Factoryorder
only,notstocked(3500partsperfull
reel).
2. Inductancetestedat100kHz,0.1VrmsusinganAgi-
lent/HP4192A.
3. DCRmeasuredonamicro-ohmmeter.
4. SRFmeasuredusingAgilent/HP8753ESorequivalent.
5. DCcurrentthatcausesthespecifiedinductancedrop
fromitsvaluewithoutcurrent.
6. Currentthatcausesthespecifiedtemperaturerisefrom
25°Cambient.
7. Electricalspecificationsat25°C.
RefertoDoc362“SolderingSurfaceMountComponents”
beforesoldering.


Similar Part No. - LPS5015-123MLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS5015-123MLB COILCRAFT-LPS5015-123MLB Datasheet
251Kb / 2P
   Shielded Power Inductors ??LPS5015
More results

Similar Description - LPS5015-123MLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS5015-102MLB COILCRAFT-LPS5015-102MLB Datasheet
166Kb / 2P
   Shielded Power Inductors ??LPS5015
LPS5015-102MLB COILCRAFT-LPS5015-102MLB Datasheet
251Kb / 2P
   Shielded Power Inductors ??LPS5015
LPS5015-102MLB COILCRAFT-LPS5015-102MLB Datasheet
166Kb / 2P
   Shielded Power Inductors ??LPS5015
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com