Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DO5010H-333MLD Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # DO5010H-333MLD
Description  SMT Power Inductors - DO5010H Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DO5010H-333MLD Datasheet(HTML) 1 Page - Coilcraft lnc.

  DO5010H-333MLD Datasheet HTML 1Page - Coilcraft lnc. DO5010H-333MLD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMT Power Inductors - DO5010H Series
Document 284-1
DCR
SRF
Inductance2
max
typ3
Isat4 Irms5
Part Number1
±20% (µH)
(mOhm) (MHz)
(A)
(A)
DO5010H-781ML_
0.78
2.6
156
30
15
DO5010H-152ML_
1.5
4.0
100
25
15
DO5010H-222ML_
2.2
6.1
75
20
12
DO5010H-332ML_
3.3
8.6
60
17
10
DO5010H-392ML_
3.9
10
55
15
9.0
DO5010H-472ML_
4.7
14
40
13
8.4
DO5010H-602ML_
6.0
17
35
12
7.5
DO5010H-782ML_
7.8
18
35
11
7.5
DO5010H-103ML_
10
26
28
10
6.0
DO5010H-123ML_
12
28
26
8.5
5.2
DO5010H-153ML_
15
32
20
8.0
4.4
DO5010H-223ML_
22
47
20
7.0
3.5
DO5010H-333ML_
33
66
15
5.5
3.0
DO5010H-473ML_
47
86
9
4.5
2.6
DO5010H-683ML_
68
130
8
3.5
2.3
DO5010H-104ML_
100
190
7
3.0
1.8
DO5010H-154ML_
150
250
6
2.6
1.5
DO5010H-224ML_
220
380
5
2.4
1.2
DO5010H-334ML_
330
560
4
1.9
1.0
DO5010H-474ML_
470
850
3
1.4
0.82
DO5010H-684ML_
680
1100
2.5
1.2
0.72
DO5010H-105ML_
1000
1800
2.0
1.0
0.56
Designer’s Kit C355 contains 3 of each part
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant tin-silver over copper. Other termina-
tions available at additional cost.
Weight 3.2 – 4.0 g
Ambient temperature –40°C to +85°C with Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 250 per 13
″ reel Plastic tape: 32 mm wide,
0.38 mm thick, 24 mm pocket spacing, 7.8 mm pocket depth
PCB washing Only pure water or alcohol recommended
• Irms ratings up to 15 A; saturation currents up to 30 A
• HeavygaugewireforlowDCresistance
Document 284-1 Revised 10/14/08
1. When ordering, please specify
termination and packaging codes:
DO5010H-105MLD
Termination: L =
RoHS compliant tin-silver over copper.
Special order: T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging: D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape.
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter D instead.
2. Inductance tested at 100 kHz, 0.1 Vrms using an Agilent/HP 4284A
LCR meter or equivalent.
3. SRF measured using Agilent/HP 8753D network analyzer.
4. DC current at which the inductance drops 10% (typ) from its value
without current.
5. Current that causes a 40°C temperature rise from 25°C ambient.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


Similar Part No. - DO5010H-333MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO5010H-333ML COILCRAFT-DO5010H-333ML Datasheet
212Kb / 2P
   SMT Power Inductors
DO5010H-333ML COILCRAFT-DO5010H-333ML Datasheet
517Kb / 2P
   SMT Power Inductors - DO5010H Series
More results

Similar Description - DO5010H-333MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO5010H COILCRAFT-DO5010H_15 Datasheet
517Kb / 2P
   SMT Power Inductors - DO5010H Series
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Coilcraft lnc.
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DS5022P-473MLD COILCRAFT-DS5022P-473MLD Datasheet
110Kb / 2P
   SMT Power Inductors ??DS5022P Series
DO1813H-331MLD COILCRAFT-DO1813H-331MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
SD54 COILCRAFT-SD54_15 Datasheet
454Kb / 2P
   SMT Power Inductors ??SD54 Series
SD43 COILCRAFT-SD43_15 Datasheet
392Kb / 2P
   SMT Power Inductors ??SD43 Series
DAC7571IDBVTG4 COILCRAFT-DAC7571IDBVTG4 Datasheet
119Kb / 2P
   SMT Power Inductors ??DS5022P Series
DO1813H-122MLD COILCRAFT-DO1813H-122MLD Datasheet
227Kb / 2P
   SMT Power Inductors ??DO1813H Series
DO1813H-122MLD COILCRAFT-DO1813H-122MLD Datasheet
240Kb / 2P
   SMT Power Inductors ??DO1813H Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com