Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCCCC-DXA-XHHKKMN3 Datasheet(PDF) 7 Page - Cree, Inc

Part # CCCCC-DXA-XHHKKMN3
Description  5mm Round LED Luminous Intensity
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CCCCC-DXA-XHHKKMN3 Datasheet(HTML) 7 Page - Cree, Inc

  CCCCC-DXA-XHHKKMN3 Datasheet HTML 1Page - Cree, Inc CCCCC-DXA-XHHKKMN3 Datasheet HTML 2Page - Cree, Inc CCCCC-DXA-XHHKKMN3 Datasheet HTML 3Page - Cree, Inc CCCCC-DXA-XHHKKMN3 Datasheet HTML 4Page - Cree, Inc CCCCC-DXA-XHHKKMN3 Datasheet HTML 5Page - Cree, Inc CCCCC-DXA-XHHKKMN3 Datasheet HTML 6Page - Cree, Inc CCCCC-DXA-XHHKKMN3 Datasheet HTML 7Page - Cree, Inc CCCCC-DXA-XHHKKMN3 Datasheet HTML 8Page - Cree, Inc CCCCC-DXA-XHHKKMN3 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
CLD-CT876.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Mechanical Dimensions
All dimensions are in mm. Tolerance is ±0.25 mm unless otherwise noted.
An epoxy meniscus may extend about 1.5 mm down the leads.
Burr around bottom of epoxy may be 0.5 mm max.
Notes
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or
otherwise restricted materials in this product are below the maximum concentration values (also referred to as the
threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Direc-
tive 2002/95/EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(RoHS), as amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.


Similar Part No. - CCCCC-DXA-XHHKKMN3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CCCCC-DXA-XHHKKMN3 MARKTECH-CCCCC-DXA-XHHKKMN3 Datasheet
605Kb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
CCCCC-DXA-XHHKKMN3 MARKTECH-CCCCC-DXA-XHHKKMN3 Datasheet
421Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CCCCC-DXA-XHHKKMN3 MARKTECH-CCCCC-DXA-XHHKKMN3 Datasheet
493Kb / 8P
   Cree짰 PLCC6 3-in-1 SMD LED
CCCCC-DXA-XHHKKMN3 MARKTECH-CCCCC-DXA-XHHKKMN3 Datasheet
521Kb / 8P
   Cree짰 Screen Master짰 5-mm Oval LED
CCCCC-DXA-XHHKKMN3 MARKTECH-CCCCC-DXA-XHHKKMN3 Datasheet
424Kb / 8P
   Cree짰 PLCC2 1 in 1 SMD LED
More results

Similar Description - CCCCC-DXA-XHHKKMN3

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSR7CA5A31A OPTOSUPPLY-OSR7CA5A31A Datasheet
110Kb / 1P
   5mm Round Red LED 5mm Round Standard Directivity High Luminous LEDs
OSV5YL5111A OPTOSUPPLY-OSV5YL5111A Datasheet
105Kb / 1P
   5mm Round Violet LED 5mm Round Standard Directivity High Luminous LEDs
OSR7CA5111A OPTOSUPPLY-OSR7CA5111A Datasheet
109Kb / 1P
   5mm Round Red LED 5mm Round Standard Directivity High Luminous LEDs
OSRRJ25111A OPTOSUPPLY-OSRRJ25111A Datasheet
107Kb / 1P
   5mm Round Red & Red LED 5mm Round Standard Directivity High Luminous LEDs
logo
OSRAM GmbH
LRTGFTM-S7T7-1-V7AW-29 OSRAM-LRTGFTM-S7T7-1-V7AW-29 Datasheet
403Kb / 24P
   luminous intensity
logo
STANLEY ELECTRIC CO.,LT...
MB1112H-TR STANLEY-MB1112H-TR Datasheet
182Kb / 3P
   Sorting For Luminous intensity LED
MG1111C-TR STANLEY-MG1111C-TR Datasheet
192Kb / 3P
   Sorting For Luminous intensity LED
logo
OSRAM GmbH
LUWG5AP-5D5E-BG-P4P6-LH OSRAM-LUWG5AP-5D5E-BG-P4P6-LH Datasheet
396Kb / 17P
   luminous intensity
logo
OptoSupply Internationa...
OSM5735141R OPTOSUPPLY-OSM5735141R Datasheet
136Kb / 1P
   Tpower 5mm Round Warm White LED 5mm Round Standard Directivity High Luminous LEDs
logo
HB Electronic Component...
PLCC4XRGBCT HB-PLCC4XRGBCT Datasheet
2Mb / 10P
   High luminous Intensity
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com