Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPL3012-182MLB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # EPL3012-182MLB
Description  Designer s kit
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

EPL3012-182MLB Datasheet(HTML) 1 Page - Coilcraft lnc.

  EPL3012-182MLB Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
19/02/13
Designer’s Kit
Kit Contents for C437:
• EPL3012 Power Inductors
• 8 values, 5 of each
Inductance
Current Rating
Part Number
1µH
2A
EPL3012-102MLB
1.5µH
1.7A
EPL3012-152MLB
1.8µH
1.6A
EPL3012-182MLB
2.2µH
1.4A
EPL3012-222MLB
3.3µH
1.1A
EPL3012-332MLB
4.7µH
1A
EPL3012-472MLB
10µH
0.8A
EPL3012-103MLB
22µH
0.61A
EPL3012-223MLB
Part Number Table


Similar Part No. - EPL3012-182MLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
EPL3012-182ML COILCRAFT-EPL3012-182ML Datasheet
168Kb / 2P
   Shielded Power Inductors
EPL3012-182ML_ COILCRAFT-EPL3012-182ML_ Datasheet
377Kb / 2P
   Shielded Power Inductors
More results

Similar Description - EPL3012-182MLB

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVPL5W3K TTELEC-OVPL5W3K Datasheet
771Kb / 2P
   Power Line Designer Kit
logo
Coilcraft lnc.
C359 COILCRAFT-C359 Datasheet
237Kb / 4P
   Designer s Kits
logo
Broadcom Corporation.
ADNK-2133 BOARDCOM-ADNK-2133 Datasheet
402Kb / 7P
   Optical Mouse Designer?셲 Kit
ADNK-2623 BOARDCOM-ADNK-2623 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5023-CY02 AVAGO-ADNK-5023-CY02 Datasheet
123Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNK-5023-CY02 BOARDCOM-ADNK-5023-CY02 Datasheet
112Kb / 3P
   Optical Mouse Designer?셲 Kit
ADNK-6003-SP01 BOARDCOM-ADNK-6003-SP01 Datasheet
305Kb / 16P
   Optical Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3533-TN24 AVAGO-ADNK-3533-TN24 Datasheet
761Kb / 17P
   Optical Mouse Designer?셲 Kit
ADNK-6003-SP01 AVAGO-ADNK-6003-SP01 Datasheet
305Kb / 16P
   Optical Mouse Designer?셲 Kit
ADNK-2623 AVAGO-ADNK-2623 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com