Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQJ0303PGDQA Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RQJ0303PGDQA
Description  Silicon P Channel MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQJ0303PGDQA Datasheet(HTML) 3 Page - Renesas Technology Corp

  RQJ0303PGDQA_11 Datasheet HTML 1Page - Renesas Technology Corp RQJ0303PGDQA_11 Datasheet HTML 2Page - Renesas Technology Corp RQJ0303PGDQA_11 Datasheet HTML 3Page - Renesas Technology Corp RQJ0303PGDQA_11 Datasheet HTML 4Page - Renesas Technology Corp RQJ0303PGDQA_11 Datasheet HTML 5Page - Renesas Technology Corp RQJ0303PGDQA_11 Datasheet HTML 6Page - Renesas Technology Corp RQJ0303PGDQA_11 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RQJ0303PGDQA
Preliminary
R07DS0295EJ0500 Rev.5.00
Page 3 of 6
Mar 28, 2011
Main Characteristics
0
0.4
0.2
0.6
1.0
0.8
1.2
0
25
50
75
100
125
150
2.4 V
–2.3 V
2.2 V
2.1 V
1.9 V
VGS = 0 V
–1.0
–5
–0.8
–4
–0.6
–3
–0.4
–2
–0.2
–1
0
0
3 V
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
–0.5
–1
–1.5
–2
–2.5
–0.0001
–0.001
–0.01
–0.1
–1
–1.5
0
–0.5
–2
–2.5
–3
–1.0
–1.5
–0.5
–2.0
0
–25
0
25
50
75
100 125
150
Pulse Test
Tc = 25
°C
VDS = –10 V
Pulse Test
2.5 V
–25
°C
Tc = 75
°C
VDS = –10 V
Pulse Test
ID = –10 mA
–1 mA
–0.1 mA
2 V
Tc = 75
°C
25
°C
–25
°C
VDS = –10 V
Pulse Test
25
°C
4 to
10 V
Ambient Temperature Ta (
°C)
*When using the glass epoxy board (FR-4: 40
× 40 × 1 mm)
Maximum Channel Power
Dissipation Curve
Maximum Safe Operation Area
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Drain to Source Voltage VDS (V)
Typical Transfer Characteristics (1)
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics (2)
Gate to Source Voltage VGS (V)
Gate to Source Cutoff Voltage vs.
Case Temperature
Case Temperature Tc (
°C)
–0.01
–0.1
–1
–10
–0.1
–1
–10
–100
–0.01
–100
Tc = 25
°C
1 ms
100
μs
Operation in this area
is limited by RDS(on)


Similar Part No. - RQJ0303PGDQA_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQJ0303PGDQA RENESAS-RQJ0303PGDQA_15 Datasheet
173Kb / 8P
   Silicon P Channel MOS FET Power Switching
More results

Similar Description - RQJ0303PGDQA_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1091C RENESAS-HAT1091C Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0301HGDQS RENESAS-RQJ0301HGDQS Datasheet
97Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1096C RENESAS-HAT1096C Datasheet
82Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0304DQDQS RENESAS-RQJ0304DQDQS Datasheet
120Kb / 8P
   Silicon P Channel MOS FET Power Switching
HITJ0201MP RENESAS-HITJ0201MP Datasheet
91Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1094C RENESAS-HAT1094C_15 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1091C RENESAS-HAT1091C_15 Datasheet
99Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0602EGDQS RENESAS-RQJ0602EGDQS_15 Datasheet
116Kb / 9P
   Silicon P Channel MOS FET Power Switching
RQJ0302NGDQA RENESAS-RQJ0302NGDQA_11 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
HITJ0203MP RENESAS-HITJ0203MP_13 Datasheet
105Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0202VGDQA RENESAS-RQJ0202VGDQA_15 Datasheet
171Kb / 8P
   Silicon P Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com