Electronic Components Datasheet Search |
|
RQK0603CGDQATL-H Datasheet(PDF) 4 Page - Renesas Technology Corp |
|
RQK0603CGDQATL-H Datasheet(HTML) 4 Page - Renesas Technology Corp |
4 / 7 page RQK0603CGDQA Preliminary R07DS0307EJ0500 Rev.5.00 Page 4 of 6 Mar 28, 2011 Drain to Source Saturation Voltage vs. Gate to Source Voltage Gate to Source Voltage VGS (V) Static Drain to Source on State Resistance vs. Drain Current Drain Current ID (A) Static Drain to Source on State Resistance vs. Case Temperature Case Temperature Tc ( °C) Static Drain to Source on State Resistance vs. Case Temperature Case Temperature Tc ( °C) Forward Transfer Admittance vs. Drain Current Drain Current ID (A) Zero Gate Voltage Drain current vs. Case Temperature Case Temperature Tc ( °C) 0 0.4 0.8 1.2 1.6 02 4 68 10 0.2 A 0.5 A 1.0 A Pulse Test Tc = 25 °C –25 02550 75 100 125 150 0.2 A –25 02550 75 100 125 150 1 10 100 1000 –25 02550 75 100 125 150 0 100 200 300 400 500 600 0.5 A ID = 1.5 A 1 A Pulse Test VGS = 4.5 V 0 100 200 300 400 500 600 ID = 1.5 A Pulse Test VGS = 10 V 0.5 A ID = 1.5 A 1 A Pulse Test VGS = 0 V VDS = 60 V 0.1 A 0.2 A 0.1 0.3 1.0 3 10 0.1 1 0.3 3 10 0.01 0.03 VGS = 4.5 V 10 V Pulse Test Tc = 25 °C 0.1 1 100 10 0.1 1 10 –25 °C 25 °C Tc = 75 °C Pulse Test VDS = 10 V |
Similar Part No. - RQK0603CGDQATL-H |
|
Similar Description - RQK0603CGDQATL-H |