Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LZ5V6 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # LZ5V6
Description  500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

LZ5V6 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  LZ5V6 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd LZ5V6 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd LZ5V6 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd LZ5V6 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.yeashin.com
2
REV.02 20120305
Electrical Characteristics (TA = 25°C unless otherwise noted)
VZ@Izt
Device
Type
T
Tolerance
Min
Nom
Max
Izt
(mA)
Zzt@Izt
(Ohms)
Max
Zzk@Izk
(Ohms) Max
Izk
(mA)
IR@VR
(uA)
Max
VR
(V)
A
4.84
4.94
5.04
B
4.97
5.08
5.18
LZ5V1
C
5.11
5.23
5.35
20
17
685
1
0.19
1.5
A
5.29
4.41
5.52
B
5.46
5.58
5.70
LZ5V6
C
5.64
5.76
5.88
20
10.5
425
1
0.75
2.5
A
5.81
5.94
6.06
B
5.99
6.12
6.24
LZ6V2
C
6.16
6.28
6.40
20
8.5
255
1
3.30
3.0
A
6.31
6.45
6.59
B
6.52
6.66
6.79
LZ6V8
C
6.70
6.83
6.95
20
6.6
123
0.5
1.10
3.5
A
6.88
7.04
7.20
B
7.11
7.26
7.42
LZ7V5
C
7.32
7.49
7.65
20
6.6
95
0.5
0.30
4.0
A
7.55
7.73
7.91
B
7.81
7.99
8.16
LZ8V2
C
8.06
8.24
8.42
20
6.6
95
0.5
0.30
5.0
A
8.31
8.51
8.71
B
8.60
8.80
9.00
LZ9V1
C
8.88
9.09
9.30
20
6.6
95
0.5
0.30
6.0
A
9.18
9.39
9.60
B
9.47
9.69
9.91
LZ10V
C
9.81
10.06
10.32
20
6.6
95
0.5
0.11
7.0
A
10.16
10.41
10.65
B
10.49
10.73
10.96
LZ11V
C
10.81
11.04
11.27
10
8.5
95
0.5
0.133
8.0
A
11.12
11.38
11.64
B
11.49
11.71
11.93
LZ12V
C
11.79
12.05
12.31
10
9.5
95
0.5
0.133
9.0
A
12.17
12.45
12.72
B
12.58
12.87
13.17
LZ13V
C
13.02
13.33
13.63
10
11.4
95
0.5
0.133
10
A
13.47
13.79
14.10
B
13.94
14.26
14.57
LZ15V
C
14.40
14.72
15.04
10
13.3
95
0.5
0.133
11
A
14.85
15.19
15.52
B
15.30
15.65
15.99
LZ16V
C
15.77
16.14
16.51
10
15.2
132
0.5
0.133
12
A
16.32
16.70
17.08
B
16.90
17.29
17.67
LZ18V
C
17.50
17.90
18.30
10
19.4
123
0.5
0.133
13
A
17.11
18.52
18.93
B
17.71
19.13
19.55
C
19.35
19.80
20.25
LZ20V
D
19.86
20.30
20.74
10
23.5
170
0.5
0.133
15
A
20.21
20.66
21.10
B
20.75
21.21
21.67
C
21.22
21.66
22.10
LZ22V
D
21.67
22.15
22.62
5
25.6
170
0.5
0.133
17
A
22.24
22.69
23.14
B
22.73
23.24
23.75
C
23.27
23.78
24.29
LZ24V
D
23.79
24.31
24.84
5
29.0
170
0.5
0.133
19
A
24.24
24.89
25.54
B
24.95
25.62
26.28
C
25.60
26.29
26.97
LZ27V
D
26.28
26.97
27.67
5
38.0
210
0.5
0.133
21
LZ2V2A/B~LZ39A/B/C/D Series


Similar Part No. - LZ5V6

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LZ52C10W DIODES-LZ52C10W Datasheet
427Kb / 5P
   SURFACE MOUNT ZENER DIODE
Rev. 6 - 2 August 2022
LZ52C11W DIODES-LZ52C11W Datasheet
427Kb / 5P
   SURFACE MOUNT ZENER DIODE
Rev. 6 - 2 August 2022
LZ52C12W DIODES-LZ52C12W Datasheet
427Kb / 5P
   SURFACE MOUNT ZENER DIODE
Rev. 6 - 2 August 2022
LZ52C13W DIODES-LZ52C13W Datasheet
427Kb / 5P
   SURFACE MOUNT ZENER DIODE
Rev. 6 - 2 August 2022
LZ52C15W DIODES-LZ52C15W Datasheet
427Kb / 5P
   SURFACE MOUNT ZENER DIODE
Rev. 6 - 2 August 2022
More results

Similar Description - LZ5V6

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0 Datasheet
181Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV79C2V0 TAK_CHEONG-TCBZV79C2V0_11 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ2V4 YEASHIN-LLZ2V4 Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B YEASHIN-LLZ5221B Datasheet
451Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCZM2V4B TAK_CHEONG-TCZM2V4B Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLZ2V2 TAK_CHEONG-TCLZ2V2_11 Datasheet
178Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ2V0 TAK_CHEONG-TCLLZ2V0 Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TCLLZ2V0 ETC1-TCLLZ2V0 Datasheet
980Kb / 10P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZJ2V0 YEASHIN-LZJ2V0 Datasheet
1Mb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
ZM2V4B YEASHIN-ZM2V4B Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com