Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF653 Datasheet(PDF) 5 Page - Motorola, Inc

Part No. MRF653
Description  RF POWER TRANSISTOR NPN SILICON
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MRF653 Datasheet(HTML) 5 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
MRF653
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
CASE 244–04
ISSUE J
K
D
A
J
T
F
P
M
2
1
3
4
SEATING PLANE
8–32 NC 2A
WRENCH FLAT
U
E
B
S
C
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
7.06
7.26
0.278
0.286
B
6.20
6.50
0.244
0.256
C
14.99
16.51
0.590
0.650
D
5.46
5.96
0.215
0.235
E
1.40
1.65
0.055
0.065
G
1.52
–––
0.060
–––
J
0.08
0.17
0.003
0.007
K
11.05
–––
0.435
–––
M
45 NOM
45 NOM
P
–––
1.27
–––
0.050
S
3.00
3.25
0.118
0.128
T
1.40
1.77
0.055
0.070
U
2.92
3.68
0.115
0.145
__
STYLE 1:
PIN 1. EMITTER
2. BASE
3. EMITTER
4. COLLECTOR


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn