Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF653 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MRF653
Description  RF POWER TRANSISTOR NPN SILICON
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MRF653 Datasheet(HTML) 4 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MRF653
4
MOTOROLA RF DEVICE DATA
Figure 6. Series Equivalent Input and Output Impedance
f = 520 MHz
440
ZOL*
Zin
470
500
Zo = 10 Ω
f = 520 MHz
500
470
440
Pout = 10 W, VCC = 12.5 Vdc
ZOL* = Conjugate of the optimum load impedance
ZOL* = into which the device operates at a given
ZOL* = output power, voltage and frequency.
f (MHz)
Zin
ZOL*
440
1.0 + j2.2
4.3 – j2.8
470
1.0 + j2.4
4.4 – j2.1
500
1.0 + j2.6
4.1 – j1.7
520
1.0 + j2.7
3.9 – j1.65


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn