Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWR11CH686MC Datasheet(PDF) 2 Page - AVX Corporation

Part # CWR11CH686MC
Description  CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CWR11CH686MC Datasheet(HTML) 2 Page - AVX Corporation

  CWR11CH686MC Datasheet HTML 1Page - AVX Corporation CWR11CH686MC Datasheet HTML 2Page - AVX Corporation CWR11CH686MC Datasheet HTML 3Page - AVX Corporation CWR11CH686MC Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
26
JUNE 2013
TBJ Series
CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
Technical Data:
Unless otherwise specified, all technical data relate to an ambient temperature of 25°C
Capacitance Range:
0.1 μF to 100 μF
Capacitance Tolerance:
±5%; ±10%; ±20%
Rated Voltage: (VR)
85°C:
4
6
10
16
20
25
35
50
Category Voltage: (VC)
125°C:
2.7
4
6.7
10
13.3
16.7
23.3
33.3
Surge Voltage: (VS)
85°C:
5.3
8
13.3
20
26.7
33.3
46.7
66.7
125°C:
3.5
5.3
8.7
13.3
17.8
22.2
31.1
44.5
Temperature Range:
-55°C to +125°C
TECHNICAL SPECIFICATIONS
CWR11 P/N CROSS REFERENCE:
SPACE LEVEL OPTIONS TO SRC9000*:
*
Capacitance
Tolerance
M = ±20%
K = ±10%
J = ±5%
Packaging
B = Bulk
R = 7" T&R
S = 13" T&R
W = Waffle
See page 6
for additional
packaging
options.
++
Surge Test
Option
00 = None
23 = 10 Cycles, +25ºC
24 = 10 Cycles,
-55ºC & +85ºC
45 = 10 cycles,
-55ºC & +85ºC
before Weibull
TBJ
Type
C
Standard or
Low ESR
Range
C = Std ESR
L = Low ESR
#
Inspection Level
S = Std.
Conformance
L = Group A
HOW TO ORDER
COTS-PLUS & MIL QPL (CWR11):
006
Voltage
Code
004 = 4Vdc
006 = 6Vdc
010 = 10Vdc
015 = 15Vdc
020 = 20Vdc
025 = 25Vdc
035 = 35Vdc
050 = 50Vdc
686
Capacitance
Code
pF code:
1st two digits
represent
significant
figures 3rd
digit represents
multiplier
(number of
zeros to follow)
@
Reliability Grade
Weibull:
B = 0.1%/1000 hrs.
90% conf.
C = 0.01%/1000 hrs.
90% conf.
D = 0.001%/1000 hrs.
90% conf.
T = T Level
Z = Non-ER
^
Termination Finish
H = Solder Plated
0 = Fused Solder
Plated
8 = Hot Solder
Dipped
9 = Gold Plated
7 = Matte Sn
(COTS-Plus only)
M = MIL (JAN)
CWR11
9 = SRC9000
*
Capacitance
Tolerance
M = ±20%
K = ±10%
J = ±5%
Packaging
B = Bulk
R = 7" T&R
S = 13" T&R
W = Waffle
See page 6
for additional
packaging
options.
++
Surge Test
Option
45 = 10 cycles,
-55ºC & +85ºC
before Weibull
TBJ
Type
D
Case
Size
C
Standard or
Low ESR
Range
C = Std ESR
L = Low ESR
L
Inspection Level
L = Group A
006
Voltage
Code
004 = 4Vdc
006 = 6Vdc
010 = 10Vdc
015 = 15Vdc
020 = 20Vdc
025 = 25Vdc
035 = 35Vdc
050 = 50Vdc
686
Capacitance
Code
pF code:
1st two digits
represent
significant
figures 3rd
digit represents
multiplier
(number of
zeros to follow)
@
Reliability Grade
Weibull:
B = 0.1%/1000 hrs.
90% conf.
C = 0.01%/1000 hrs.
90% conf.
D = 0.001%/1000 hrs.
90% conf.
9
Qualification
Level
9 = SRC9000
^
Termination Finish
H = Solder Plated
0 = Fused Solder
Plated
8 = Hot Solder
Dipped
9 = Gold Plated
*
Capacitance
Tolerance
M = ±20%
K = ±10%
J = ±5%
Packaging
Bulk = Standard
\TR = 7" T&R
\TR13 = 13" T&R
\W = Waffle
See page 6
for additional
packaging
options.
+
Surge Test
Option
A = 10 cycles, +25°C
B = 10 cycles,
-55°C & +85°C
C = 10 cycles,
-55°C & +85°C
before Weibull
If blank,
None required
CWR11
Type
D
Voltage
Code
C = 4Vdc
D = 6Vdc
F = 10Vdc
H = 15Vdc
J = 20Vdc
K = 25Vdc
M = 35Vdc
N = 50Vdc
^
Termination
Finish
H = Solder Plated
K = Solder Fused
C = Hot Solder
Dipped
B = Gold Plated
686
Capacitance
Code
pF code:
1st two digits
represent
significant
figures 3rd digit
represents
multiplier
(number of zeros
to follow)
@
Reliability
Grade
Weibull:
B = 0.1%/1000 hrs.
90% conf.
C = 0.01%/1000 hrs.
90% conf.
D = 0.001%/1000
hrs. 90% conf.
T = T Level
A = Non-ER
*Contact factory for AVX SRC9000 Space Level SCD details.
D
Case
Size
0
Qualification
Level
0 = N/A
Not RoHS Compliant
Not RoHS Compliant
LEAD-FREE COMPATI-
BLE
COMPONENT
For RoHS compliant products,
please select correct termination style.
Not RoHS Compliant


Similar Part No. - CWR11CH686MC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR11CH155JBA VISHAY-CWR11CH155JBA Datasheet
147Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Revision 31-Jan-05
CWR11CH155JBA VISHAY-CWR11CH155JBA Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
CWR11CH155JBB VISHAY-CWR11CH155JBB Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
CWR11CH155JCA VISHAY-CWR11CH155JCA Datasheet
147Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Revision 31-Jan-05
CWR11CH155JMA VISHAY-CWR11CH155JMA Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
More results

Similar Description - CWR11CH686MC

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CWR11KK106KBB AVX-CWR11KK106KBB Datasheet
233Kb / 10P
   CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
CWR11DH106KB AVX-CWR11DH106KB Datasheet
146Kb / 4P
   CWR11 - MIL-PRF-55365/8 Established Reliability, COTS-Plus & Space Level
TAZSERIES AVX-TAZSERIES Datasheet
320Kb / 15P
   CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
TBCSERIES AVX-TBCSERIES Datasheet
154Kb / 3P
   CWR15 MIL-PRF-55365/12 Established Reliability, COTS-Plus & Space Level
CWR19FC107KBGB AVX-CWR19FC107KBGB Datasheet
303Kb / 14P
   TAZ Series CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
logo
Kyocera Kinseki Corpota...
TAZ KSS-TAZ Datasheet
1Mb / 14P
   CWR09 - MIL-PRF-55365/4 Established Reliability
logo
Vishay Siliconix
DLA06013 VISHAY-DLA06013 Datasheet
174Kb / 19P
   Wet Tantalum Capacitors, Space Level, Established Reliability
ERH VISHAY-ERH Datasheet
230Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 29-May-08
RER VISHAY-RER Datasheet
172Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 23-Jun-16
ESS VISHAY-ESS_08 Datasheet
170Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com