Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA7012-99F Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA7012-99F
Description  X-band HBT High Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA7012-99F Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA7012-99F Datasheet HTML 1Page - United Monolithic Semiconductors CHA7012-99F Datasheet HTML 2Page - United Monolithic Semiconductors CHA7012-99F Datasheet HTML 3Page - United Monolithic Semiconductors CHA7012-99F Datasheet HTML 4Page - United Monolithic Semiconductors CHA7012-99F Datasheet HTML 5Page - United Monolithic Semiconductors CHA7012-99F Datasheet HTML 6Page - United Monolithic Semiconductors CHA7012-99F Datasheet HTML 7Page - United Monolithic Semiconductors CHA7012-99F Datasheet HTML 8Page - United Monolithic Semiconductors CHA7012-99F Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CHA7012
X-band High Power Amplifier
Ref. : DSCHA70129082- 23 March 09
4/10
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
20
25
30
35
40
45
50
8.5
8.7
8.9
9.1
9.3
9.5
9.7
9.9
10.1 10.3 10.5 10.7 10.9 11.1
Frequency (GHz)
+20°C
+80°C
-40°C
PAE @ 3dBc versus frequency and temperature
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
8.5
8.7
8.9
9.1
9.3
9.5
9.7
9.9 10.1 10.3 10.5 10.7 10.9 11.1
Frequency (GHz)
+20°C
+80°C
-40°C
Ic @ 3dBc versus frequency and temperature


Similar Part No. - CHA7012-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA7012 UMS-CHA7012 Datasheet
567Kb / 10P
   X-band HBT High Power Amplifier
CHA7012 UMS-CHA7012 Datasheet
408Kb / 10P
   X-band HBT High Power Amplifier
CHA7012 UMS-CHA7012_15 Datasheet
408Kb / 10P
   X-band HBT High Power Amplifier
More results

Similar Description - CHA7012-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA8100 UMS-CHA8100 Datasheet
260Kb / 12P
   X-band HBT High Power Amplifier
CHA7012 UMS-CHA7012_15 Datasheet
408Kb / 10P
   X-band HBT High Power Amplifier
CHA7012 UMS-CHA7012 Datasheet
567Kb / 10P
   X-band HBT High Power Amplifier
CHA7010 UMS-CHA7010 Datasheet
161Kb / 7P
   X-band GaInP HBT High Power Amplifier
CHA7010 UMS-CHA7010_04 Datasheet
384Kb / 7P
   X-band GaInP HBT High Power Amplifier
CHA5014-99F UMS-CHA5014-99F_15 Datasheet
591Kb / 8P
   X Band HBT Driver Amplifier
CHA7114 UMS-CHA7114_10 Datasheet
183Kb / 8P
   X Band High Power Amplifier
CHA7215 UMS-CHA7215_15 Datasheet
209Kb / 8P
   X-band High Power Amplifier
CHA7115-99F UMS-CHA7115-99F_15 Datasheet
152Kb / 6P
   X-band High Power Amplifier
CHA7114 UMS-CHA7114 Datasheet
281Kb / 8P
   X Band High Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com