Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA6558-99F Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHA6558-99F
Description  28-32GHz HPA 2W
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA6558-99F Datasheet(HTML) 7 Page - United Monolithic Semiconductors

Back Button CHA6558-99F Datasheet HTML 2Page - United Monolithic Semiconductors CHA6558-99F Datasheet HTML 3Page - United Monolithic Semiconductors CHA6558-99F Datasheet HTML 4Page - United Monolithic Semiconductors CHA6558-99F Datasheet HTML 5Page - United Monolithic Semiconductors CHA6558-99F Datasheet HTML 6Page - United Monolithic Semiconductors CHA6558-99F Datasheet HTML 7Page - United Monolithic Semiconductors CHA6558-99F Datasheet HTML 8Page - United Monolithic Semiconductors CHA6558-99F Datasheet HTML 9Page - United Monolithic Semiconductors CHA6558-99F Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
28-32GHz HPA 2W
CHA6558-99F
Ref. DSCHA6558-QAG2251 - 07 Sep 12
7/10
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Mechanical data
Units: µm
Chip width and length are given with a tolerance of ±35µm
Chip thickness = 70µm +/- 10 µm
RF pads (1, 12) = 120 x 150µm²
DC pads (2, 3, 4, 5, 6, 7, 8, 9, 10, 14, 15, 17, 18, 19, 20, 21, 22) = 100 x 100µm²
DC pads (11, 13) = 200 x 100µm²
Pin number
Pin name
Description
1
IN
Input RF
3, 6, 10, 14,18, 21
M
Not connected
22
G1
Gate Stage1
2
D1
Drain stage1
4, 20
G2
Gate Stage2
5, 19
D2
Drain stage2
7, 17
G3
Gate Stage3
8, 16
D3
Drain stage3
9, 15
G4
Gate Stage4
11, 13
D4
Drain stage4
12
OUT
Output RF
2 3 4
5 6 7 8
9
10 11
1
12
22 21 20 19 18 17 16
15
14 13


Similar Part No. - CHA6558-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6558-99F UMS-CHA6558-99F Datasheet
584Kb / 10P
   28-32GHz HPA 2W
CHA6558-99F UMS-CHA6558-99F_15 Datasheet
584Kb / 10P
   28-32GHz HPA 2W
More results

Similar Description - CHA6558-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6558-99F UMS-CHA6558-99F_15 Datasheet
584Kb / 10P
   28-32GHz HPA 2W
logo
TriQuint Semiconductor
TGA4501-EPU TRIQUINT-TGA4501-EPU Datasheet
1Mb / 9P
   28-31 GHz Ka Band HPA
logo
Eudyna Devices Inc
FMM5118X EUDYNA-FMM5118X Datasheet
677Kb / 6P
   20-32GHz Doubler MMIC
FMM5703X EUDYNA-FMM5703X Datasheet
886Kb / 4P
   24-32GHz LNA MMIC
logo
RFHIC
RFP-0850-27-27PS RFHIC-RFP-0850-27-27PS Datasheet
393Kb / 3P
   HPA Module
RFP-1882-32-27 RFHIC-RFP-1882-32-27 Datasheet
411Kb / 3P
   HPA Module
RFP-0895-33-27 RFHIC-RFP-0895-33-27 Datasheet
494Kb / 4P
   HPA Module
RFP-1962-32-27 RFHIC-RFP-1962-32-27 Datasheet
411Kb / 3P
   HPA Module
RFP-0895-27-27PS RFHIC-RFP-0895-27-27PS Datasheet
388Kb / 3P
   HPA Module
RFP-0881-45-27 RFHIC-RFP-0881-45-27 Datasheet
482Kb / 4P
   HPA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com