Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA6518-99F00 Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHA6518-99F00
Description  5 - 18 GHz High Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA6518-99F00 Datasheet(HTML) 7 Page - United Monolithic Semiconductors

  CHA6518-99F00 Datasheet HTML 1Page - United Monolithic Semiconductors CHA6518-99F00 Datasheet HTML 2Page - United Monolithic Semiconductors CHA6518-99F00 Datasheet HTML 3Page - United Monolithic Semiconductors CHA6518-99F00 Datasheet HTML 4Page - United Monolithic Semiconductors CHA6518-99F00 Datasheet HTML 5Page - United Monolithic Semiconductors CHA6518-99F00 Datasheet HTML 6Page - United Monolithic Semiconductors CHA6518-99F00 Datasheet HTML 7Page - United Monolithic Semiconductors CHA6518-99F00 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
5 - 18 GHz High Power Amplifier
CHA6518
Ref. DSCHA65185007 - 7 Jan 05
7/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Assembly recommendations
C1
C1
C1
C1
C1
C1 C1
C1
C1
C2
C2
C2
C2
Lbonding
Lbonding
Vg
Vd
For thermal and electrical considerations, the chip should be brazed on a metal base plate.
The RF, DC and modulation port inter-connections should be done according to the following
table:
Port
Connection
External capacitor
IN (17)
Inductance (Lbonding) = 0.3nH
OUT (9)
Inductance (Lbonding) = 0.3nH
VD (2, 5, 8, 10, 13)
Inductance
≤ 1nH
C1 ~ 100pF
C2 ~ 100nF
VG (3, 6, 12, 15)
Inductance
≤ 1nH
C1 ~ 100pF
C2 ~ 100nF


Similar Part No. - CHA6518-99F00

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6518 UMS-CHA6518 Datasheet
327Kb / 8P
   5 - 18 GHz High Power Amplifier
More results

Similar Description - CHA6518-99F00

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6518 UMS-CHA6518 Datasheet
327Kb / 8P
   5 - 18 GHz High Power Amplifier
logo
TriQuint Semiconductor
TGA9092 TRIQUINT-TGA9092 Datasheet
492Kb / 4P
   6 - 18 GHz High Power Amplifier
TGA9092-SCC TRIQUINT-TGA9092-SCC Datasheet
291Kb / 10P
   6 - 18 GHz High Power Amplifier
TGA9092-SCC TRIQUINT-TGA9092-SCC_15 Datasheet
297Kb / 10P
   6 - 18 GHz High Power Amplifier
logo
United Monolithic Semic...
CHA6517 UMS-CHA6517 Datasheet
432Kb / 10P
   6 - 18 GHz High Power Amplifier
logo
Teledyne Technologies I...
CMA-40-1808 TELEDYNE-CMA-40-1808 Datasheet
889Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
TMA-40-1808 TELEDYNE-TMA-40-1808 Datasheet
885Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
CPA-18-6027 TELEDYNE-CPA-18-6027 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6038 TELEDYNE-CPA-18-6038 Datasheet
877Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6037 TELEDYNE-CPA-18-6037 Datasheet
877Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com