Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA6105-99F00 Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHA6105-99F00
Description  8-12GHz Driver Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA6105-99F00 Datasheet(HTML) 7 Page - United Monolithic Semiconductors

  CHA6105-99F00 Datasheet HTML 1Page - United Monolithic Semiconductors CHA6105-99F00 Datasheet HTML 2Page - United Monolithic Semiconductors CHA6105-99F00 Datasheet HTML 3Page - United Monolithic Semiconductors CHA6105-99F00 Datasheet HTML 4Page - United Monolithic Semiconductors CHA6105-99F00 Datasheet HTML 5Page - United Monolithic Semiconductors CHA6105-99F00 Datasheet HTML 6Page - United Monolithic Semiconductors CHA6105-99F00 Datasheet HTML 7Page - United Monolithic Semiconductors CHA6105-99F00 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
8-12GHz Driver Amplifier
CHA6105
Ref. DSCHA61050106 - 16 Apr 10
7/8
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Assembly recommendations in test fixture


Similar Part No. - CHA6105-99F00

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6105 UMS-CHA6105 Datasheet
239Kb / 8P
   8-12GHz Driver Amplifier
CHA6105 UMS-CHA6105_15 Datasheet
239Kb / 8P
   8-12GHz Driver Amplifier
More results

Similar Description - CHA6105-99F00

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6105 UMS-CHA6105_15 Datasheet
239Kb / 8P
   8-12GHz Driver Amplifier
CHA6005-99F UMS-CHA6005-99F Datasheet
271Kb / 10P
   8-12GHz High Power Amplifier
CHA6005-QEG UMS-CHA6005-QEG_15 Datasheet
541Kb / 12P
   8-12GHz High Power Amplifier
logo
Transcom, Inc.
TA080-120-41-30 TRANSCOM-TA080-120-41-30 Datasheet
17Kb / 1P
   8 - 12GHz 30 dBm Amplifier
logo
United Monolithic Semic...
CHA6005-99F UMS-CHA6005-99F_15 Datasheet
283Kb / 10P
   8-12GHz High Power Amplifier
logo
TriQuint Semiconductor
TGA2598 TRIQUINT-TGA2598_15 Datasheet
581Kb / 13P
   6 12GHz 2W GaN Driver Amplifier
TGA2710 TRIQUINT-TGA2710 Datasheet
193Kb / 15P
   10.5 - 12GHz High Power Amplifier
logo
Transcom, Inc.
TA100-120-15-10 TRANSCOM-TA100-120-15-10 Datasheet
17Kb / 1P
   10 - 12GHz 10 dBm Amplifier
logo
Knowles Electronics
FPC06077 KNOWLES-FPC06077 Datasheet
346Kb / 2P
   8 to 12GHz 25dB Directional Coupler
FPC06302 KNOWLES-FPC06302 Datasheet
304Kb / 2P
   8 to 12GHz 20dB Directional Coupler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com