Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHR3794-QDG21 Datasheet(PDF) 10 Page - United Monolithic Semiconductors

Part # CHR3794-QDG21
Description  37-40GHz Integrated Down converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3794-QDG21 Datasheet(HTML) 10 Page - United Monolithic Semiconductors

Back Button CHR3794-QDG21 Datasheet HTML 6Page - United Monolithic Semiconductors CHR3794-QDG21 Datasheet HTML 7Page - United Monolithic Semiconductors CHR3794-QDG21 Datasheet HTML 8Page - United Monolithic Semiconductors CHR3794-QDG21 Datasheet HTML 9Page - United Monolithic Semiconductors CHR3794-QDG21 Datasheet HTML 10Page - United Monolithic Semiconductors CHR3794-QDG21 Datasheet HTML 11Page - United Monolithic Semiconductors CHR3794-QDG21 Datasheet HTML 12Page - United Monolithic Semiconductors CHR3794-QDG21 Datasheet HTML 13Page - United Monolithic Semiconductors CHR3794-QDG21 Datasheet HTML 14Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
CHR3694-QDG
37-40GHz Down Converter
Ref. : DSCHR3694-QDG1192 - 11 Jul 11
10/18
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
RF Return Loss versus frequency & VGC
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
30 31 32 33 34 35 36 37 38 39 40
Frequency (GHz)
VGC=0V
VGC=-2V


Similar Part No. - CHR3794-QDG21

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3762-QDG UMS-CHR3762-QDG Datasheet
491Kb / 16P
   5.5-9GHz Integrated Down Converter
CHR3762-QDG20 UMS-CHR3762-QDG20 Datasheet
491Kb / 16P
   5.5-9GHz Integrated Down Converter
CHR3762-QDG21 UMS-CHR3762-QDG21 Datasheet
491Kb / 16P
   5.5-9GHz Integrated Down Converter
CHR3763-QDG UMS-CHR3763-QDG Datasheet
861Kb / 16P
   12-16GHz Integrated Down Converter
CHR3764-QEG UMS-CHR3764-QEG Datasheet
526Kb / 18P
   21-27GHz Down-Converter
More results

Similar Description - CHR3794-QDG21

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
   37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHR3894-98F UMS-CHR3894-98F_15 Datasheet
530Kb / 12P
   37-40GHz Integrated Down Converter
CHR3394-QEG UMS-CHR3394-QEG_15 Datasheet
450Kb / 14P
   37-40GHz Integrated Down Converter
CHR3894-98F UMS-CHR3894-98F Datasheet
518Kb / 12P
   37-40GHz Integrated Down Converter
CHR3894-QEG UMS-CHR3894-QEG Datasheet
378Kb / 14P
   37-40GHz Integrated Down Converter
MFC-PO13811 UMS-MFC-PO13811 Datasheet
186Kb / 4P
   37-40GHz Integrated Down converter
CHR3894-QEG UMS-CHR3894-QEG_15 Datasheet
389Kb / 14P
   37-40GHz Integrated Down Converter
CHR3394-QEG UMS-CHR3394-QEG Datasheet
439Kb / 14P
   37-40GHz Integrated Down Converter
MFC-PO13811-QDG UMS-MFC-PO13811-QDG Datasheet
461Kb / 10P
   37-40GHz Down converter
CHR2296 UMS-CHR2296_11 Datasheet
160Kb / 6P
   36-40GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com