Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA1L0880 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # KA1L0880
Description  Fairchild Power Switch(FPS)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA1L0880 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KA1L0880 Datasheet HTML 1Page - Fairchild Semiconductor KA1L0880 Datasheet HTML 2Page - Fairchild Semiconductor KA1L0880 Datasheet HTML 3Page - Fairchild Semiconductor KA1L0880 Datasheet HTML 4Page - Fairchild Semiconductor KA1L0880 Datasheet HTML 5Page - Fairchild Semiconductor KA1L0880 Datasheet HTML 6Page - Fairchild Semiconductor KA1L0880 Datasheet HTML 7Page - Fairchild Semiconductor KA1L0880 Datasheet HTML 8Page - Fairchild Semiconductor KA1L0880 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
KA1L0880B/KA1M0880B
3
Electrical Characteristics (SFET part)
(Ta=25
°C unless otherwise specified)
Note:
Pulse test: Pulse width
≤ 300µS, duty cycle ≤ 2%
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Drain source breakdown voltage
BVDSS
VGS=0V, ID=50
µA
800
-
-
V
Zero gate voltage drain current
IDSS
VDS=Max., Rating,
VGS=0V
--
50
µA
VDS=0.8Max., Rating,
VGS=0V, TC=125
°C
-
-
200
µA
Static drain source on resistance (note)
RDS(ON)
VGS=10V, ID=5.0A
-
1.2
1.5
Forward transconductance (note)
gfs
VDS=15V, ID=5.0A
1.5
2.5
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f=1MHz
-
2460
-
pF
Output capacitance
Coss
-
210
-
Reverse transfer capacitance
Crss
-
64
-
Turn on delay time
td(on)
VDD=0.5BVDSS, ID=8.0A
(MOSFET switching
time are essentially
independent of
operating temperature)
--
90
nS
Rise time
tr
-
95
200
Turn off delay time
td(off)
-
150
450
Fall time
tf
-
60
150
Total gate charge
(gate-source+gate-drain)
Qg
VGS=10V, ID=8.0A,
VDS=0.5BVDSS (MOSFET
switching time are
essentially independent of
operating temperature)
-
-
150
nC
Gate source charge
Qgs
-
20
-
Gate drain (Miller) charge
Qgd
-
70
-
S
1
R
----
=


Similar Part No. - KA1L0880

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1L0880B-TU FAIRCHILD-KA1L0880B-TU Datasheet
118Kb / 10P
   Fairchild Power Switch(FPS)
KA1L0880B-YDTU FAIRCHILD-KA1L0880B-YDTU Datasheet
118Kb / 10P
   Fairchild Power Switch(FPS)
More results

Similar Description - KA1L0880

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com