Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHR3693-QDG Datasheet(PDF) 11 Page - United Monolithic Semiconductors

Part # CHR3693-QDG
Description  21-26.5GHz Integrated Down converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3693-QDG Datasheet(HTML) 11 Page - United Monolithic Semiconductors

Back Button CHR3693-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHR3693-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHR3693-QDG Datasheet HTML 8Page - United Monolithic Semiconductors CHR3693-QDG Datasheet HTML 9Page - United Monolithic Semiconductors CHR3693-QDG Datasheet HTML 10Page - United Monolithic Semiconductors CHR3693-QDG Datasheet HTML 11Page - United Monolithic Semiconductors CHR3693-QDG Datasheet HTML 12Page - United Monolithic Semiconductors CHR3693-QDG Datasheet HTML 13Page - United Monolithic Semiconductors CHR3693-QDG Datasheet HTML 14Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
21-26.5GHz Integrated Down converter
CHR3693-QDG
Ref. : DSCHR3693QDG2181 - 29 Jun 12
11/14
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Definition of the Sij reference planes
The
reference
planes
used
for
Sij
measurements given above are symmetrical
from the symmetrical axis of the package
(see drawing beside). The input and output
reference planes are located at 3.18mm
offset
(input
wise
and
output
wise
respectively) from this axis. Then, the given
Sij parameters incorporate the land pattern of
the evaluation motherboard recommended in
paragraph "Evaluation mother board".
3.18
3.18


Similar Part No. - CHR3693-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3693-QDG UMS-CHR3693-QDG Datasheet
904Kb / 10P
   21-26.5GHz Down converter
CHR3693-QDG UMS-CHR3693-QDG Datasheet
592Kb / 14P
   21-26.5GHz Integrated Down converter
CHR3693-QDG UMS-CHR3693-QDG_15 Datasheet
592Kb / 14P
   21-26.5GHz Integrated Down converter
More results

Similar Description - CHR3693-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3693-99F UMS-CHR3693-99F Datasheet
449Kb / 8P
   21-26.5GHz Integrated Down converter
CHR3693-QDG UMS-CHR3693-QDG_15 Datasheet
592Kb / 14P
   21-26.5GHz Integrated Down converter
CHR3693-99F UMS-CHR3693-99F_15 Datasheet
460Kb / 8P
   21-26.5GHz Integrated Down converter
CHR3693 UMS-CHR3693 Datasheet
254Kb / 6P
   21-26.5GHz Integrated Down converter
CHR3693-QDG UMS-CHR3693-QDG Datasheet
904Kb / 10P
   21-26.5GHz Down converter
CHA5197A UMS-CHA5197A Datasheet
287Kb / 6P
   21-26.5GHz Medium Power Amplifier
CHR3764-QEG UMS-CHR3764-QEG_15 Datasheet
537Kb / 18P
   21-27GHz Down-Converter
CHR3764-QEG UMS-CHR3764-QEG Datasheet
526Kb / 18P
   21-27GHz Down-Converter
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
   37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHR2291 UMS-CHR2291 Datasheet
121Kb / 6P
   12-17GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com