Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHR2411-QDG20 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHR2411-QDG20
Description  22-24.5GHz RX Multifunction
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2411-QDG20 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHR2411-QDG20 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2411-QDG20 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2411-QDG20 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2411-QDG20 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2411-QDG20 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2411-QDG20 Datasheet HTML 6Page - United Monolithic Semiconductors CHR2411-QDG20 Datasheet HTML 7Page - United Monolithic Semiconductors CHR2411-QDG20 Datasheet HTML 8Page - United Monolithic Semiconductors CHR2411-QDG20 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CHR2411-QDG
22-24.5GHz RX Multifunction
Ref. : CHR2411-QDG3116 - 26 Apr 13
2/10
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Electrical Characteristics
Tamb.= +25°C
Symbol
Parameter
Min
Typ
Max
Unit
RF
Frequency range
22
24.5
GHz
LO
Frequency range
22
24.5
GHz
IF
Frequency range
DC
1.0
MHz
RF
Return Loss
-15
-8
dB
LO
Return Loss
-15
-8
dB
IF
IF Load impedance
50
PLO
LO Drive Power
0
5
dBm
Gc
Conversion Gain
19
23
27
dB
ΔG(T)
Gain variation over Temperature
 2.5
dB
NF
SSB Noise figure (IF=1MHz)
7
dB
Pin-1dB
Input Power at 1dB Gain Comp. @24GHz
-21
dBm
IP3_IN
Input IP3 @24GHz
-12
dBm
Iso
LO to RF Isolation
-45
-30
dB
+Vg, +Vd
Supply Voltage
5
V
+I
Supply Current
60
80
mA
Top
Operating temperature range
-40
25
105
°C
These performance has been obtained with the chip in QFN package mounted on the
recommended boards (ref. 95541 & 95581) described in this document. These performances
are highly dependent on this environment.
Absolute Maximum Ratings
(1)
Tamb.= +25°C
Symbol
Parameter
Values
Unit
+Vg, +Vd
Maximum positive supply voltage
6
V
+I
Maximum positive supply voltage
90
mA
PLO
Maximum peak input power overdrive
8
dBm
PRF
Maximum peak input power overdrive
-12
dBm
Top
Operating temperature range
-40 to +105
°C
Tstg
Storage temperature range
-55 to +150
°C
(1) Operation of this device above anyone of these parameters may cause permanent
damage.


Similar Part No. - CHR2411-QDG20

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2411-QDG UMS-CHR2411-QDG Datasheet
646Kb / 8P
   22-24.5GHz RX Multifunction
CHR2411-QDG UMS-CHR2411-QDG Datasheet
598Kb / 10P
   22-24.5GHz RX Multifunction
CHR2411-QDG UMS-CHR2411-QDG_15 Datasheet
598Kb / 10P
   22-24.5GHz RX Multifunction
More results

Similar Description - CHR2411-QDG20

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2411-QDG UMS-CHR2411-QDG Datasheet
646Kb / 8P
   22-24.5GHz RX Multifunction
CHR2411-QDG UMS-CHR2411-QDG_15 Datasheet
598Kb / 10P
   22-24.5GHz RX Multifunction
CHV2421-QDG UMS-CHV2421-QDG_15 Datasheet
948Kb / 12P
   24-24.5GHz Tx Multifunction
CHR2421-QEG UMS-CHR2421-QEG Datasheet
711Kb / 10P
   23.75-24.5GHz Dual Rx Channel
CHR2421-QEG UMS-CHR2421-QEG_15 Datasheet
722Kb / 10P
   23.75-24.5GHz Dual Rx Channel
logo
Littelfuse
DSQU LITTELFUSE-DSQU Datasheet
399Kb / 2P
   Multifunction
2016 Rev: 1-A-062216
ASQU LITTELFUSE-ASQU Datasheet
420Kb / 2P
   Multifunction
2016 Rev: 1-A-062216
logo
TEMIC Semiconductors
U2102B TEMIC-U2102B Datasheet
205Kb / 16P
   Multifunction Timer
logo
National Semiconductor ...
LH0094 NSC-LH0094 Datasheet
189Kb / 10P
   Multifunction Converter
logo
SELEC Controls Pvt. Ltd
XC1200 SELEC-XC1200 Datasheet
161Kb / 1P
   Multifunction Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com