Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHR2293-99F00 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHR2293-99F00
Description  20-24GHz Integrated Down Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2293-99F00 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHR2293-99F00 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2293-99F00 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2293-99F00 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2293-99F00 Datasheet HTML 4Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CHR2293
RoHS COMPLIANT
Ref. DSCHR22931192 - 11 Jul 11
1/4
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
20-24GHz Integrated Down Converter
GaAs Monolithic Microwave IC
Description
The CHR2293 is a multifunction chip which
integrates a LO X2 multiplier, a balanced cold
FET mixer, and a RF LNA. It is designed for a
wide range of applications, typically commercial
communication systems. The backside of the
chip is both RF and DC grounds. This helps
simplify the assembly process.
The circuit is manufactured with a pHEMT
process, 0.25µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
It is available in chip form.
Main Features
Broadband performances: 20-24GHz
11 dB conversion gain
4dB noise figure, for IF>0.1GHz
10dBm LO input power
-8dBm RF input power (1dB gain comp.)
Low DC power consumption, 130mA@3.5V
Chip size: 2.49 X 1.97 X 0.10mm
Main Characteristics
Tamb. = 25°C
Parameter
Min
Typ
Max
Unit
FRF
RF frequency range
20
24
GHz
FLO
LO frequency range
9.25
12.75
GHz
FIF
IF frequency range
DC
1.5
GHz
Gc
Conversion gain
+11
dB
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !
LO
Q
I
GM
GB
VDM
VDL
GX
VGA
RF


Similar Part No. - CHR2293-99F00

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2293-99F/00 UMS-CHR2293-99F/00 Datasheet
97Kb / 4P
   20-24GHz Integrated Down Converter
More results

Similar Description - CHR2293-99F00

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2293 UMS-CHR2293 Datasheet
97Kb / 4P
   20-24GHz Integrated Down Converter
CHR2293 UMS-CHR2293_05 Datasheet
72Kb / 4P
   20-24GHz Integrated Down Converter
CHR3663-QEG UMS-CHR3663-QEG_11 Datasheet
451Kb / 18P
   17-24GHz Integrated Down Converter
CHR3663-QEG UMS-CHR3663-QEG_15 Datasheet
475Kb / 18P
   17-24GHz Integrated Down Converter
CHR3364-QEG UMS-CHR3364-QEG_15 Datasheet
477Kb / 14P
   17-24GHz Down Converter
CHR3663-QEG UMS-CHR3663-QEG Datasheet
453Kb / 16P
   17-24GHz Integrated Down Converter GaAs Monolithic Microwave IC in SMD package
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
   37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHR2291 UMS-CHR2291 Datasheet
121Kb / 6P
   12-17GHz Integrated Down Converter
CHR2296 UMS-CHR2296 Datasheet
119Kb / 5P
   36- 40GHz Integrated Down Converter
CHR3352-QEG UMS-CHR3352-QEG Datasheet
622Kb / 16P
   12-16GHz Integrated Down Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com